Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic CS5467 Datasheet HTML 34Page - Cirrus Logic CS5467 Datasheet HTML 35Page - Cirrus Logic CS5467 Datasheet HTML 36Page - Cirrus Logic CS5467 Datasheet HTML 37Page - Cirrus Logic CS5467 Datasheet HTML 38Page - Cirrus Logic CS5467 Datasheet HTML 39Page - Cirrus Logic CS5467 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
CS5467
36
DS714F3
8.3.6 Line to Sample Frequency Ratio (Epsilon) – Address: 17
Default = 0.0125 (4.0 kHz x 0.0125 or 50 Hz)
Epsilon
is the ratio of the input line frequency to the output word rate (OWR). It can either be written by the ap-
plication program or calculated automatically from the line frequency (from the voltage input) using the AFC bit
in the Modes register. It is a two's complement value in the range of -1.0
 value  1.0, with the binary point to
the right of the MSB. Negative values are not used.
8.3.7 Pulse Output Width (PulseWidth) – Address: 14
Default = 1 (250 uS at OWR = 4 kHz)
PulseWidth
sets the duration of energy pulses. The actual pulse duration is the contents of PulseWidth divided
by the output word rate (OWR). PulseWidth is an integer in the range of 1 to 8,388,607.
8.3.8 Pulse Output Rate (PulseRate) – Address: 15
Default= -1
PulseRate
sets the full-scale frequency for E1, E2, E3 pulse outputs. For a 4 kHz sample rate, the maximum
pulse rate is 2 kHz. This is a two's complement value in the range of -1
 value  1, with the binary point to the
left of the MSB.
Refer to 6.10 Energy Pulse Rate on page 21 for more information.
8.3.9 Cycle Count (N) – Address: 19
Default = 4000
Determines the number of output word rate (OWR) samples to use in calculating low-rate results. Cycle Count
(N) is an integer in the range of 10 to 8,388,607. Values less than 10 should not be used.
8.3.10 Wideband Reactive Power (Q1WB , Q2WB )
Address: 20 (Q1WB ), 21 (Q2WB )
Wideband reactive power is calculated using vector subtraction. (See Section 4.8 Power and Energy Results
on page 16). The value is signed, but has a range of 0
 value  1.0. The binary point is to the right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com