Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM Datasheet(PDF) 21 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 21 Page - ITT Industries

Back Button DLM Datasheet HTML 17Page - ITT Industries DLM Datasheet HTML 18Page - ITT Industries DLM Datasheet HTML 19Page - ITT Industries DLM Datasheet HTML 20Page - ITT Industries DLM Datasheet HTML 21Page - ITT Industries DLM Datasheet HTML 22Page - ITT Industries DLM Datasheet HTML 23Page - ITT Industries DLM Datasheet HTML 24Page - ITT Industries DLM Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
20
ZIF Connectors
DLD1
DLD1 — Plastic Body — 156 Pin Connectors — Square Post Contacts
Plug
Receptacle
Part Number
Nomenclature
A
111496-0001
DLD1-156PW4A
15,37 (.605)
111496-0002
DLD1-156PW6A
7,11 (.280)
Part Number
Nomenclature
A
111497-0009
DLD1-156RW4B
15,37 (.605)
111497-0010
DLD1-156RW6B
7,11 (.280)
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 66.
For PC hole pattern, see page 60.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
For assembly dimensions and mating
sequence, see page 70.
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 66.
For PC hole pattern, see page 60.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
For assembly dimensions and mating
sequence, see page 70.
108,00 (4.255)
92,26 (3.631)
24,90 (.980)
16,26 (.640)
100,03 (3.938)
4X Ø 3,03
(.119)
7,92 (.312)
27,75 (1.093)
0,64 (.025)
A
6,35 (.250)
92,10 (3.626)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
20,10 (.792)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
92,00 (3.622)
16,26 (.640)
127,81 (5.032) REF
100,03 (3.938)
108,00 (4.255)
24,90 (.980)
7,75 (.305)
0,64 (.025)
57,03
(2.245)
2,03 (.080) REF
3,18 (.125)
REF
4X SCREW, SPRING
MOUNTING
NO. 4-40 UNC SCREW
[SUPPLIED BY CUSTOMER]
A
CAM, ACTUATOR
RECEPTACLE CONNECTOR
ASSEMBLY
6,35 (.250)
24,97 (.983)
FRONT MOUNTING
PLATE-ASSEMBLY
[SUPPLIED BY CUSTOMER]
REAR PANEL, MOUNTING
[STATIONARY]
[SUPPLIED BY CUSTOMER]
4X SPRING,
COMPRESSION
CONTACT,
WRAP POST
92,10 (3.626)
20,10 (.792)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com