Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM Datasheet(PDF) 12 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 12 Page - ITT Industries

Back Button DLM Datasheet HTML 8Page - ITT Industries DLM Datasheet HTML 9Page - ITT Industries DLM Datasheet HTML 10Page - ITT Industries DLM Datasheet HTML 11Page - ITT Industries DLM Datasheet HTML 12Page - ITT Industries DLM Datasheet HTML 13Page - ITT Industries DLM Datasheet HTML 14Page - ITT Industries DLM Datasheet HTML 15Page - ITT Industries DLM Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
11
ZIF Connectors
DL/DLM/DLD
How to Identify the Ideal DL Product for Your Application
Q. What type of actuation does the application require?
Q. Does the application require plastic housing?
Q. Does the application require metal housing?
Q. Does this application involve low currents?
Q. Does this application involve standard currents of more than
100 milliamps?
Q. Does this application involve higher than 5 amps?
Q. What type of contact is required for this application?
Q. Does the application require crimp contacts?
Q. Does the application require crimp tooling, with low or high
volume?
Q. Is an actuating handle needed?
Q. Does the application require fool-proof mating?
Q. How do I protect the wiring / cabling?
Q. When the DL5-260 series application requires EMI / RFI
shielding?
Q. Does the customer need to protect the contacts when
connector is not mated?
A. Manual (turn handle cam) – DL / DLM series.
Blind mating (self cam) – DLD drawer series.
A. DL / DLD series.
A. DLM series (for EMI / RFI shielding).
DL4 series.
A. For 100 milliamps or less use 50
µ inch gold contacts (Flat contacts
on Receptacle, and Bump contacts on Plug), see pages 52-53.
A. For more than 100 milliamps, use 20
µ inch gold contacts
(Hermaphroditic Bump contact), see pages 52-53.
A. For higher than 5 amps use Buss contacts, see page 51.
A. Select the appropriate part number for the Plug and Receptacle
based on the number and type of contacts needed for this
application, see pages 12-13.
A. Order appropriate crimp contacts for the wire size used in this
application, see pages 50-53.
50
µ inch Gold (low current to 5 A applications) – Most
Versatile
20
µ inch Gold (standard application)
Buss contacts (high amps-greater than 5 A)
A. For low volume of crimps:
Order loose contacts and order the appropriate hand tool,
see page 55.
For high volume of crimps (50,000 per year or more):
Order reeled contacts, see page 53, and contact Cannon’s Customer-
Use-Tooling to lease an automatic crimp machine, see page 59.
A. Actuating handles are ordered separately (except DL4 Series),
see page 47.
A. Order the polarizing posts to protect from erroneous mating,
see page 48.
A. Two Options:
Plastic Junction Shell with optional second entry cable clamp
kit, see page 46.
Metal Backshell available, see pages 44-45.
A. Order the EMI / RFI metal shielding shells or utilize the new DLM5
series without shield shell, see page 49.
A. Order the appropriate protective cover, see page 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com