Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLM Datasheet(PDF) 52 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 52 Page - ITT Industries

Back Button DLM Datasheet HTML 48Page - ITT Industries DLM Datasheet HTML 49Page - ITT Industries DLM Datasheet HTML 50Page - ITT Industries DLM Datasheet HTML 51Page - ITT Industries DLM Datasheet HTML 52Page - ITT Industries DLM Datasheet HTML 53Page - ITT Industries DLM Datasheet HTML 54Page - ITT Industries DLM Datasheet HTML 55Page - ITT Industries DLM Datasheet HTML 56Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
51
ZIF Connectors
Contacts
Buss Contacts
6 Pair/3Pair/1 Pair
Designed for power distribution of more than
5 amps.
Accommodates #30-#18 AWG in hole
X 1,29-1,14 (.051-.045) for wire soldering.
Accommodates 1/8 crimp lugs for larger wire
sizes.
Material: Copper Alloy
Finish:
20
µ inch in mating area/
gold flash on balance (terminating end)
1 Pair
Buss Contact
Description
Part Number
1 Pair
030-7380-001
2 Pair
030-7380-002
3 Pair
030-7380-003
4 Pair
030-7380-004
5 Pair
030-7380-005
6 Pair
030-7380-006
Note: For more information on tools and assembly, see pages 54-59.
Wire Termination — Solder
Wire Termination — Crimp Lug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com