Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 9Page - STMicroelectronics STTS2002_11 Datasheet HTML 10Page - STMicroelectronics STTS2002_11 Datasheet HTML 11Page - STMicroelectronics STTS2002_11 Datasheet HTML 12Page - STMicroelectronics STTS2002_11 Datasheet HTML 13Page - STMicroelectronics STTS2002_11 Datasheet HTML 14Page - STMicroelectronics STTS2002_11 Datasheet HTML 15Page - STMicroelectronics STTS2002_11 Datasheet HTML 16Page - STMicroelectronics STTS2002_11 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
STTS2002
Temperature sensor operation
Doc ID 15389 Rev 5
13/52
Figure 6.
SMBus/I2C write to pointer register, followed by a write data word
3.2
SMBus/I2C slave sub-address decoding
The physical address for the TS is different than that used by the EEPROM. The TS physical
address is binary 0011A2A1A0RW, where A2, A1, and A0 are the three slave sub-
address pins, and the LSB “RW” is the READ/WRITE flag.
The EEPROM physical address is binary 1 010A2A1A0RW for the memory array and is
0110 A2 A1 A0 RW for permanently set write protection mode.
AI14012
19
1
9
ACK
by
STTS2002
No ACK
by
STTS2002
Stop
Cond.
by
Master
D7
D6
D5
D4
D3
D2
D1
D0
MSB Data Byte
LSB Data Byte
11
99
0
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STTS2002
ACK
by
STTS2002
0
1
1
A2
A1 A0 R/W
0
0
0
0
0
D2 D1 D0
SCL
SCL
(continued)
SDA
D8
D9
D10
D11
D12
D13
D14
D15
SDA
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com