Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 11Page - STMicroelectronics STTS2002_11 Datasheet HTML 12Page - STMicroelectronics STTS2002_11 Datasheet HTML 13Page - STMicroelectronics STTS2002_11 Datasheet HTML 14Page - STMicroelectronics STTS2002_11 Datasheet HTML 15Page - STMicroelectronics STTS2002_11 Datasheet HTML 16Page - STMicroelectronics STTS2002_11 Datasheet HTML 17Page - STMicroelectronics STTS2002_11 Datasheet HTML 18Page - STMicroelectronics STTS2002_11 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
STTS2002
Temperature sensor operation
Doc ID 15389 Rev 5
15/52
Table 2.
AC characteristics of STTS2002 for SMBus and I2C compatibility timings
Symbol
Parameter
Min
Max
Units
fSCL
SMBUS/I2C clock frequency
10
400
kHz
tHIGH
Clock high period
600
ns
tLOW
(1)
1.
STTS2002 will not initiate clock stretching which is an I2C bus optional feature.
Clock low period
1300
ns
tR
(2)
2.
Guaranteed by design and characterization, not necessarily tested.
Clock/data rise time
300
ns
tF
(2)
Clock/data fall time
20
300
ns
tSU:DAT
Data in setup time
100
ns
tHD:DI
Data in hold time
0
ns
tHD:DAT
Data out hold time
200
900
ns
tSU:STA
(3)
3.
For a restart condition, or following a WRITE cycle.
Repeated start condition setup time
600
ns
tHD:STA
Hold time after (repeated) start condition. After this
period, the first clock cycle is generated.
600
ns
tSU:STO
Stop condition setup time
600
ns
tBUF
Bus free time between stop (P) and start (S) conditions
1300
ns
tW
(4)
4.
This parameter reflects maximum WRITE time for EEPROM.
WRITE time for EEPROM
10
ms
ttimeout
(5)
5.
Bus timeout value supported depends on setting of TMOUT bit 6 in capability register.
Bus timeout (temperature sensor only)
25
35
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com