Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 30Page - STMicroelectronics STTS2002_11 Datasheet HTML 31Page - STMicroelectronics STTS2002_11 Datasheet HTML 32Page - STMicroelectronics STTS2002_11 Datasheet HTML 33Page - STMicroelectronics STTS2002_11 Datasheet HTML 34Page - STMicroelectronics STTS2002_11 Datasheet HTML 35Page - STMicroelectronics STTS2002_11 Datasheet HTML 36Page - STMicroelectronics STTS2002_11 Datasheet HTML 37Page - STMicroelectronics STTS2002_11 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
SPD EEPROM operation
STTS2002
34/52
Doc ID 15389 Rev 5
5.5
Write operations
Following a start condition the bus master sends a device select code with the RW bit reset
to 0. The device acknowledges this, as shown in Figure 12, and waits for an address byte.
The device responds to the address byte with an acknowledge bit, and then waits for the
data byte.
When the bus master generates a stop condition immediately after the ack bit (in the “10th
bit” time slot), either at the end of a byte write or a page write, the internal memory write
cycle is triggered. A stop condition at any other time slot does not trigger the internal write
cycle.
During the internal write cycle, serial data (SDA) and serial clock (SCL) are ignored, and the
device does not respond to any requests.
5.5.1
Byte write
After the device select code and the address byte, the bus master sends one data byte. If
the addressed location is hardware write-protected, the device replies to the data byte with
NoAck, and the location is not modified. If, instead, the addressed location is not write-
protected, the device replies with Ack. The bus master terminates the transfer by generating
a stop condition, as shown in Figure 12.
5.5.2
Page write
The page write mode allows up to 16 bytes to be written in a single write cycle, provided that
they are all located in the same page in the memory: that is, the most significant memory
address bits are the same. If more bytes are sent than will fit up to the end of the page, a
condition known as ‘roll-over’ occurs. This should be avoided, as data starts to become
overwritten in an implementation dependent way.
The bus master sends from 1 to 16 bytes of data, each of which is acknowledged by the
device. After each byte is transferred, the internal byte address counter (the 4 least
significant address bits only) is incremented. The transfer is terminated by the bus master
generating a stop condition.
Figure 12.
Write mode sequences in a non write-protected area of SPD
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
DATA IN 2
AI01941
DATA IN N
ACK
ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com