Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358D Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM358D
Description  LOW POWER DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM358D Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM358D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: V + =5.0V)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Offset Voltage
Ta=25℃( Note 5)
2
5
mV
Input Bias Current
Ta=25℃ , IIN(+) or IIN( -) ,
VCM=0V ( Note 6)
45
150
nA
Input Offset Current
Ta=25℃, IIN(+) - IIN( -), VCM=0V
3
30
nA
Input
Common-Mode
Voltage Range
Ta=25℃, V + =30V( Note 7)
0
V + -1.5
V
V + =30V
1
2
Supply Current
Over
Full
Temperature
Range, RL=
∞ on all Op
Amps
V + =5V
0.5
1.2
mA
Large Signal Voltage
Gain
V + =15V, Ta=25℃, RL
≥2kΩ
(
For Vo=1~11V)
50
100
V/mV
Common-Mode
Rejection Ratio
DC, Ta=25℃, VCM=0~V + -1.5V
70
90
dB
Power Supply
Rejection Ratio
DC, Ta=25℃, V + =5~30V
75
100
dB
Amplifier-to-Amplifier
Coupling
Ta=25℃, f=1~20kHz
(
Input Referred)( Note 8)
-120
dB
Source
VIN(+)=1V,VIN(-)=0V,V + =15V,Vo=2V,
Ta=25℃
20
40
mA
VIN(-)=1V,VIN(+)=0V,V + =15V,Vo=2V,
Ta=25℃
10
20
mA
Output
Current
Sink
VIN(-)=1V,VIN(+)=0V,V + =15V,
Vo=200mV,Ta=25℃
12
50
µA
Short Circuit to Ground V + =15V, Ta=25℃( Note 2)
40
60
mA
Input Offset Voltage
(
Note 5)
7
mV
Input
Offset
Voltage
Drift
Rs=0
Ω
7
µV/℃
Input Offset Current
IIN(+) - IIN( -)
100
nA
Input
Offset
Current
Drift
Rs=0
Ω
10
pA/℃
Input Bias Current
IIN(+) or IIN( -)
40
300
nA
Input
Common-Mode
Voltage Range
V + =30V( Note 7)
0
V + -
2
V
Large Signal Voltage
Gain
V + =15V,( Vo=1~11V), RL
≥2kΩ
25
V/mV
RL=2k
Ω
26
V
VOH
V + =30V
RL=10k
Ω
27
28
V
Output
Voltage
Swing
VOL
V + =5V, RL=10k
Ω
5
20
mV
Source
VIN(+)=1V , VIN(-)=0V , V + =15V ,
Vo=2V
10
20
mA
Output
Current
Sink
VIN(-)=1V , VIN(+)=0V , V + =15V ,
Vo=2V
5
8
mA
LM358N/D
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com