Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358D Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # LM358D
Description  LOW POWER DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM358D Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  LM358D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Note 1 The dissipation is the total of both amplifiers—use e xte rna l re sistors, whe re possible , to a llow
the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit.
Note 2: Short circuits from the output to V + can cause excessive heating and eventual destruction.
When considering short circuits to ground, the maximum output current is approximately 40mA
independent of the magnitude of V + . At values of supply voltage in excess of +15V, continuous
s hort-circuits can exceed the power dis s i pation ratings and caus e eventual des t ruction. Des t ructive
dissipation can result from simultane ous shorts on all amplifiers.
Note 3: This input current will only exist when the voltage at any of the input leads is driven negative.
It is due to the collector-base junction of the input PNP transistors becoming forward biased and
thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic
transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to
go to the V + voltage level (or to ground for a large overdrive) for the time duration that an input is
driven negative. This is not destructive and norma l output states will re-establish when the input
voltage, which was negative, again returns to a value greater than -0.3V (at 25°C).
Note 4: With the D358, all temperature specifications are limited to -25℃
≤ Ta ≤ 85℃ .
Note 5: Vo=1. 4V, Rs = 0
Ω with V + from 5V to 30V; and over the full input common-mode range (0V to
V + -1.5V ) at 25°C
Note 6: The direction of the input current is out of the IC due to the PNP input stage. This current is
essentially constant, independent of the state of the output so no loading change exists on the input
lines.
Note 7: The input common-mode voltage of either input signal voltage should not be allowed to go
negative by more than 0.3V (at 25°C). The upper end of them common-mode voltage range is V + -1.5V
(at 25°C), but either or both inputs can go to +32V without damage, independent of the magnitude of
V + .
Note 8: Due to proximity of external components, insure that coupling is not originating via stray
capacitance between these external parts. This ty pically can be detected as this ty pe of capacitance
increases at higher frequencies.
LM358N/D
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com