Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM358D
Description  LOW POWER DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM358D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM358D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM358D Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIER
LM358
DESCRIPTION
Outline Drawing
The
LM358 consists of two independent, high gain,
internally frequency compensated operational
amplifiers which were designed specifically to
operate from a single power supply over a wide range
of voltages. Operation from split power supplies is
also possible and the low power supply current drain
is independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers,
DIP-8
DC gain blocks and all the conventional op amp
circuits which now can be more easily implemented
in single power supply systems. For example, the
LM358 can be directly operated off of the standard
+5V power supply voltage which is used in digital
systems and will easily provide the required
interface electronics without requiring the additional
±15V power supplies.
SOP-8
UNIQUE CHARACTERISTICS
In the linear mode the input common-mode voltage range includes ground and the
output voltage can also swing to ground, even though operated from only a single power
supply voltage.
The unity gain cross frequency is temperature compensated.
The input bias current is also temperature compensated.
ADVANTAGES
Two internally compensated op amps.
Eliminates need for dual supplies.
Allows direct sensing near GND and VOUT also goes to GND.
Compatible with all forms of logic.
Power drain suitable for battery operation.
TIGER ELECTRONIC CO.,LTD
LM358N/D
LM358N
LM358D
1/8


Similar Part No. - LM358D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358D MOTOROLA-LM358D Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358D ONSEMI-LM358D Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358D PHILIPS-LM358D Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358D STMICROELECTRONICS-LM358D Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358D STMICROELECTRONICS-LM358D Datasheet
271Kb / 16P
Low Power Dual Operational Amplifiers
More results

Similar Description - LM358D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com