Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MAX232
Description  5V-Powered, Multichannel RS-232
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX232 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MAX232 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX232
Table of pin description
Pin No.
Symbol
Pin name
01
C1+
Output of external capacitance of positive voltage multiplier unit
02
V+
Output of positive voltage of multiplier unit
03
C1-
Output of external capacitance of positive voltage multiplier unit
04
C2+
Output of external capacitance of negative voltage multiplier unit
05
C2-
Output of external capacitance of negative voltage multiplier unit
06
V-
Output of negative voltage of multiplier unit
07
T2OUT
Output of transmitter data (levels RS – 232)
08
R2IN
Input of receiver data (levels RS – 232)
09
R2OUT
Output of receiver data (levels TTL/KMOS)
10
T2IN
Input of transmitter data (levels TTL/KMOS)
11
T1IN
Input of transmitter data (levels TTL/KMOS)
12
R1OUT
Output of receiver data (levels TTL/KMOS)
13
R1IN
Input of receiver data (levels RS – 232)
14
T1OUT
Output of transmitter data (levels RS – 232)
15
GND
Common output
16
VCC
Supply output of voltage source
Maximum conditions
Rate
Symbol
Parameter
min
max
Unit
VCC
Supply voltage
-0.3
6.0
V
V+
Transmitter high output voltage
VCC -0.3
14
V-
Transmitter low output voltage
-0.3
-14
VTIN
Transmitter input voltage
-0.3
V+ +0.3
VRIN
Receiver input voltage
-30
30
PD
Dissipated power
DIP – package
SO - package
-
842
762
mW
ISC
Output current of transmitter short circuit
-
Continu-
ously
mA
Та
Ambient temperature
-60
150
О
С



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com