Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # MAX232
Description  5V-Powered, Multichannel RS-232
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX232 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  MAX232 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAX232
Static parameters
Rate
25°°°°C
-40 °°°°C to 85 °°°°C
Symbol
Parameter
Test conditions
min
max
min
max
Unit
ICC
Consumption current
static
VCC =5.0 V
VIL = 0 V
-
10.0
-
14.0
∗
mA
Receiver electrical parameters
Vh
Hysteresis voltage
VCC =5.0 V
0.2
0.9
0.2
1.0
V
VOn
On (operation) voltage VO ≤ 0.1 V
IOL ≤ 20 uA
-
2.4
-
2.3
Voff
Off (dropout) voltage
VO ≥ VCC -0.1 V
IOH ≤ -20 uA
0.8
-
0.9
-
VOL
Output low voltage
IOL = 3.2 mА
VСС = 4.5 V
VIH = 2.4 V
-
0.3
-
0.4
VOH
Output high voltage
IOH = -1.0 mA
VСС = 4.5 V
VIL = 0.8 V
3.6
-
3.5
-
RI
Input resistance
VСС = 5.0 V
3.0
7.0
3.0
7.0
kOhm
Transmitter electrical parameters
VOL
Output low voltage
VСС = 4.5 V
VIH = 2.0 V
RL = 3.0 kOhm
-
-5.2
-
-5.0
V
VOH
Output high voltage
VСС = 4.5 V
VIL = 0.8 V
RL = 3.0 kOhm
5.2
-
5.0
-
IIL
Input low current
VСС =5.5 V
VIL = 0 V
-
-1.0
-
-10.0
uA
IIH
Input high current
VСС =5.5 V
VIH = VСС
1.0
10.0
SR
Speed of output front
change
VСС =5.0 V
С
L =50 - 1000 pF
RL = 3.0 - 7.0 kOhm
3.0
30
2.7
27
V/
㎲
RО
Output resistance
VСС = V+ = V- = 0 V
VO = ± 2 V
350
-
300
-
Ohm
ISC
Short circuit output
current
VСС =5.5 V
VO = 0 V
VI = VСС
VI = 0 V
-50
50
-60
60
mA
ST
Speed of information
transmission
VСС =4.5 V
С
L = 1000 pF
RL = 3.0 kOhm
tW = 7us (for extreme
-
tW = 8us)
140
-
120
-
kbps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com