Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MAX232
Description  5V-Powered, Multichannel RS-232
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX232 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MAX232 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX232 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MAX232
+5V-Powered, Multichannel RS-232
Drivers / Receivers
MAX
232 is purposed for application in high-performance information processing systems and control
devices of wide application.
Input voltage levels are compatible with standard СMOS levels.
• Output voltage levels are compatible with input levels
of K-MOS, N-MOS and TTL integrated circuits.
• Supply voltage : 5V
• Low input current: 1.0
㎂; 0.1 ㎂ at Т = 25 °С.
• Output current 24 mA.
• Latching current not less than 450 mA at Т = 25°С
•
The transmitter outputs and receiver inputs are protected to
±15kV Air ESD.
Truth table
Inputs
Outputs
RIN, TIN
ROVT, TOVT
H
L
L
H
Note -
H – voltage high level;
L – low voltage level
MAX
232CPE Plastic DIP
MAX
232CSE
SOI
C
MAX232CWE
SOIC
Т
А
MAX232CWE
о
С
For all packages
TIGER ELECTRONIC CO.,LTD
ORDERING INFORMATION
C1+ 01
V+ 02
03
C2+ 04
05
06
07
GND
08
16
15
14
13
12
11
10
09
V
CC
C1-
C2-
T2
OUT
V-
R2
IN
R2
OUT
T2
IN
T1
IN
R1
OUT
R1
IN
T1
OUT
Pin symbols in package


Similar Part No. - MAX232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232 Datasheet
669Kb / 17P
DUAL EIA-232 DRIVERS/RECEIVERS
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX232

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com