Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1671 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MM1671
Description  Low Supply Voltage 75OHM Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MM1671 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MM1671 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
Low Supply Voltage 75Ω Driver
MM1671
DESCRIPTIONS
This IC is a 75Ω driver with a built-in LPF that can operate at low voltage. It supports 3V
and 5V operating power voltage, and is ideal for video signal output in devices ranging
from portable digital still cameras to stationary equipment such as DVD players. It
incorporates a high performance 4-stage LPF, which is ideal for removing DAC sampling
noise. In addition, ultra-low current consumption has been achieved by suppressing current
consumption during power save to under 1µA. This lengthens the life of the batteries in
portable devices.
The built-in amp gain on this IC is 6dB and there is also with input clamp, allowing
support for a range of video signals, not just composite signals.
FEATURES
Operating power voltage 2.8~5.5V (supports 3V and 5V systems)
Operating temperature range -40~85°C
Current consumption (no signal) 7.0mA typ.
Current consumption during power save 1.0µA max.
High precision voltage gain 6±0.3dB at 100kHz
Built-in high-performance 4-stage LPF 6.75MHz/100kHz max. ±1.0dB
27MHz/100kHz typ. -40dB
Built-in sag auxiliary circuit
Built-in 6dB amp output gain available
available with input clamp
Ultra-small package
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MM1671

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1671 MITSUMI-MM1671 Datasheet
77Kb / 12P
Low Voltage Operating 75hom Driver
More results

Similar Description - MM1671

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2243 NJRC-NJM2243 Datasheet
200Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
logo
Sanyo Semicon Device
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
Monolithic Linear IC 6ch 75ohm Video Driver
LA73052 SANYO-LA73052 Datasheet
252Kb / 6P
4ch 75ohm Video Driver
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
BA7666FS ROHM-BA7666FS_1 Datasheet
180Kb / 6P
3 channel 75ohm driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
6dB Amplifier with 75OHM Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com