Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 9Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 10Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 11Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 12Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 13Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
ZXLD1371
Document number
Typical C
r: DS35436 Rev. 1
Characteris
0
10
20
30
60
70
40
100
95
90
85
80
75
70
65
60
- 2
stics – Buck
0
00
00
00
00
00
00
510
1 LED
1
T = 25°C,
L = 33µH, R
C
= 100µF
A
S
IN
VIN
510
1
0
5
0
5
0
5
0
5
0
3 LEDs
1 LED
2 LEDs
4 LE
T = 25°C,
L = 33µH, R =
C
= 100µF
A
S
IN
V
=
IN
ww
k Mode – RS
15
1020
V
= 150m
AUX,
=
N
Ω
520
25
5 LEDs
EDs
6 LEDs
V
150m
AUX,
=
Ω
11 of 42
ww.diodes.com
=150m
Ω - L
20
25
INPUT VOLTAG
0
1 ~ 16
5
30
35
V
(V)
IN
8 LEDs
10 LE
A
Dio
= 33µH – ILE
GE (V)
25
30
6 LEDs
40
45
EDs
12 LEDs
A Product Lin
odes Incorpor
D = 1.45A
30
35
50
55
14 LEDs
16 LED
ZX
Febru
© Diodes
ne of
rated
40
60
Ds
LD1371
uary 2012
Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com