Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 24 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
24 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
The additional terms are relatively small, so the exact equations will only make a significant difference at lower operating
voltages at the input and output, i.e. low input voltage or a small number of LEDs connected in series. The estimates of VF
and VDSON depend on the coil current. The mean coil current, ICOIL depends upon the topology and upon the mean terminal
currents as follows:
ICOIL = ILED
for Buck
ICOIL = IIN
for Boost
ICOIL = IIN + ILED
for Buck-boost
Equation 8
ILED is the target LED current and is already known. IIN will be calculated with some accuracy later, but can be estimated
now from the electrical power efficiency. If the expected efficiency is roughly 90%, the output power POUT is 90% of the
input power, PIN, and the coil current is estimated as follows.
POUT
≈ 0.9 PIN
or
ILED N VLED ≈ 0.9 IIN VIN
where N is the number of LEDs connected in series, and VLED is the forward voltage drop of a single LED at ILED.
So
IIN ≈
ILED N VLED
0.9 VIN
Equation 9
Equation 9 can now be used to find ICOIL in Equation 8, which can then be used to estimate the small terms in Equation 7.
This completes the calculation of Duty Cycle and the selection of Buck, Boost or Buck-boost topology.
An initial estimate of duty cycle is required before we can choose a coil. In Equation 7, the following approximations are
recommended:
VF
= 0.5V
IIN × (RS+RCOIL)
= 0.5V
IOUT × (RS+RCOIL)
= 0.5V
VDSON
= 0.1V
(IIN+IOUT)(RS+RCOIL)
= 1.1V
Then Equation 7 becomes
DBUCK
≈
VOUT + 1
VIN + 0.4
for Buck
DBOOST ≈
VOUT - VIN + 1
VOUT + 0.4
for Boost
DBB
≈
VOUT + 1.6
VOUT + VIN + 0.4
for Buck-boost
Equation 7a
Setting the LED Current
The LED current requirement determines the choice of the sense resistor Rs. This also depends on the voltage on the ADJ
pin and the voltage on the GI pin, according to the topology required.
The ADJ pin may be connected directly to the internal 1.25V reference (VREF) to define the nominal 100% LED current. The
ADJ pin can also be driven with an external dc voltage between 125mV and 1.25V to adjust the LED current proportionally
between 10% and 100% of the nominal value.
For a divider ratio GI_ADJ greater than 0.65V, the ZXLD1371 operates in Buck mode when VADJ = 1.25V. If GI_ADJ is less
than 0.65V (typical), the device operates in Boost or buck-Boost mode, according to the load connection.
This 0.65V
threshold varies in proportion to VADJ, i.e., the Buck mode threshold voltage is 0.65 VADj /1.25 V.
ADJ and GI are high impedance inputs within their normal operating voltage ranges. An internal 1.3V clamp protects the
device against excessive input voltage and limits the maximum output current to approximately 4% above the maximum
current set by VREF if the maximum input voltage is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com