Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 13Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 15Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
17 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Buck-Boost Mode – RS = 150mΩ - ILED = 350mA – GIRATIO = 0.23
6
57
8
10
9
11
1213
14
1516
17
18
V
(V)
IN
T = 25 C, L = 33µH
R = 150m , R9 = 120k
R10 = 36k
A
S
°
ΩΩ
Ω
0.25
0.27
0.29
0.33
0.31
0.35
0.37
0.39
0.41
0.43
0.45
5 LEDs
5 LEDs Bootstrap
56
9
14
15
18
812
16
17
13
10
11
7
600
500
400
200
100
0
300
6
57
8
10
9
11
12
13
141516
17
18
V
(V)
IN
90
5 LEDs Bootstrap
5 LEDs
T = 25 C, L = 33H
R = 150m , R9 = 120k ,
R10 = 36k , C
= 100µF
A
S
IN
°
ΩΩ
Ω
85
80
50
45
40
75
70
65
60
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com