Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7944 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 1 kΩ,unless otherwise noted.When G > +1, RF = 249 Ω and when G = +1, RF = 0 Ω.
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
FREQUENCY (MHz)
VS = +5V
VOUT = 20mV p-p
G = –1 OR
G = +2
G = +10
G = +1
Figure 8. Small Signal Frequency Response vs. Gain
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
FREQUENCY (MHz)
G = +1
VOUT = 20mV p-p
VS = +5V
VS = ±5V
VS = +3V
Figure 9. Small Signal Frequency Response vs. Supply Voltage
–5
–4
–3
–2
–1
0
1
2
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = +5V
G = +1
VOUT = 20mV p-p
+125°C
+25°C
–40°C
Figure 10. Small Signal Frequency Response vs. Temperature
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
FREQUENCY (MHz)
VS = ±5V
G = +1
20mV p-p
2V p-p
400mV p-p
100mV p-p
Figure 11. Frequency Response for Various VOUT
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
50
FREQUENCY (MHz)
VS = +5V
VOUT = 2V p-p
G = +2
RL = 1kΩ
RF = RG = 249Ω
RF = RG = 100Ω
RF = RG = 49.9Ω
Figure 12. 0.1 dB Bandwidth at Selected RF Value
–6
–5
–4
–3
–2
–1
0
1
2
0.1
1
10
100
FREQUENCY (MHz)
VS = +5V
VOUT = 2V p-p
G = –1
G = +1
G = +10
Figure 13. Large Signal Frequency Response vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com