Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7944 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices AD7944 Datasheet HTML 17Page - Analog Devices AD7944 Datasheet HTML 18Page - Analog Devices AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 19 of 28
DC ERRORS
Figure 45 shows a typical connection diagram and the major dc
error sources.
RG
– VIN +
RS
– VIP +
IB+
IB–
+ VOUT –
RF
+ VOS –
Figure 45. Typical Connection Diagram and DC Error Sources
The ideal transfer function (all error sources set to 0 and
infinite dc gain) can be written as
IN
G
F
IP
G
F
OUT
V
R
R
V
R
R
V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
= 1
(1)
This reduces to the familiar forms for inverting and
noninverting op amp gain expressions, as follows:
(Noninverting gain, VIN = 0 V)
IP
G
F
OUT
V
R
R
V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
= 1
(2)
(Inverting gain, VIP = 0 V)
IN
G
F
OUT
V
R
R
V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ −
=
(3)
The total output voltage error is the sum of errors due to the
amplifier offset voltage and input currents. The output error
due to the offset voltage can be estimated as
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
+
−
+
+
=
G
F
OUT
PNOM
P
OFFSET
OUT
R
R
A
V
PSRR
V
V
CMRR
VCM
V
V
NOM
ERROR
1
(4)
where:
is the offset voltage at the specified supply voltage,
which is measured with the input and output at midsupply.
VCM is the common-mode voltage.
VP is the power supply voltage.
VPNOM is the specified power supply voltage.
CMRR is the common-mode rejection ratio.
PSRR is the power supply rejection ratio.
A is the dc open-loop gain.
NOM
OFFSET
V
The output error due to the input currents can be estimated as
+
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
B
G
F
S
B
G
F
G
F
OUT
I
R
R
R
I
R
R
R
R
V
ERROR
1
1
)
||
(
(5)
Note that setting RS equal to RF||RG compensates for the voltage
error due to the input bias current.
NOISE CONSIDERATIONS
Figure 46 illustrates the primary noise contributors for the
typical gain configurations. The total rms output noise is
the root-mean-square of all the contributions.
RG
RS
iep
ien
+ vout_en –
RF
ven
4kT × RS
vn _ RS =
4kT × RG
vn _ RG =
4kT × RF
vn _ RF =
Figure 46. Noise Sources in Typical Connection
The output noise spectral density can be calculated by
[]
2
2
2
2
2
2
2
4
4
1
4
_
F
G
G
F
S
G
F
F
R
ien
kTR
R
R
ven
R
iep
kTRs
R
R
kTR
en
vout
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
(6)
where:
k is Boltzmann’s Constant.
T is the absolute temperature, degrees Kelvin.
ien is the amplifier input current noise spectral density, pA/√Hz.
ven is the amplifier input voltage spectral density, nV/√Hz.
RS is the source resistance, as shown in
.
RF and RG are the feedback network resistances, as shown in
.
Figure 46
Figure 46
Source resistance noise, amplifier voltage noise (ven), and the
voltage noise from the amplifier current noise (iep × RS) are all
subject to the noise gain term (1 + RF/RG). Note that with a
1 nV/√Hz input voltage noise and 2.8 pA/√Hz input current,
the noise contributions of the amplifier are relatively small for
source resistances between approximately 50 Ω and 700 Ω.
shows the total RTI noise due to the amplifier vs. the
source resistance. In addition, the value of the feedback resistors
used impacts the noise. It is recommended that the value of the
feedback resistors be maintained between 250 Ω and 1 kΩ to
keep the total noise low.
Figure 47
50
500
SOURCE RESISTANCE (Ω)
5
0.5
50
500
5k
50k
TOTAL
AMPLIFIER NOISE
AMPLIFIER AND
RESISTOR NOISE
SOURCE
RESISTANCE NOISE
Figure 47. RTI Noise vs. Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com