Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7944 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7944 Datasheet HTML 17Page - Analog Devices AD7944 Datasheet HTML 18Page - Analog Devices AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 21 of 28
APPLICATIONS INFORMATION
TYPICAL PERFORMANCE VALUES
To reduce design time and eliminate uncertainty, Table 10
provides a convenient reference for typical gains, component
values, and performance parameters. The supply voltage used
is 5 V. The bandwidth is obtained with a small signal output
of 200 mV p-p, and the slew rate is obtained with a 2 V
output step. Note that as the gain increases, the small-signal
bandwidth decreases, as is expected from the gain bandwidth
product relationship. In addition, the phase margin improves
with higher gains, and the amplifier becomes more stable. As
a result, the peaking in the frequency response is reduced (see
Figure 49).
2
FREQUENCY (Hz)
100k
1M
10M
100M
500M
1
0
–1
–2
–3
–4
–5
–6
VS = +5V
VOUT = 200mV p-p
RF = 249Ω
RL = 1kΩ
G = +20
G = +10
G = +5
G = +2
G = +1
Figure 49. Small Signal Frequency Response at Various Gains
Table 10. Recommended Values and Typical Performance
Gain
RF (Ω)
RG (Ω)
−3 dB BW
(MHz)
Slew Rate
(tR/tF) (V/μs)
Peaking
(dB)
Output Voltage Noise
Only (nV/√Hz)
Total Output Noise
Including Resistors (nV/√Hz)
+1
0
N/A
92
78/158
0.8
1
1.0
+2
249
249
54
101/140
1.2
2
3.6
+5
249
61.9
30
119/137
0
5
6.8
+10
249
27.4
17
87/88
0
10
12.0
+20
249
13.0
9
37/37
0
20
21.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com