Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP314S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BUP314S
Description  IGBT (High switching speed Very low switching losses Low tail current Latch-up free Avalanche rated)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP314S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BUP314S Datasheet HTML 1Page - Siemens Semiconductor Group BUP314S Datasheet HTML 2Page - Siemens Semiconductor Group BUP314S Datasheet HTML 3Page - Siemens Semiconductor Group BUP314S Datasheet HTML 4Page - Siemens Semiconductor Group BUP314S Datasheet HTML 5Page - Siemens Semiconductor Group BUP314S Datasheet HTML 6Page - Siemens Semiconductor Group BUP314S Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Feb-07-1997
BUP 314S
Preliminary data
IGBT
• High switching speed
• Very low switching losses
• Low tail current
• Latch-up free
• Avalanche rated
Pin 1
Pin 2
Pin 3
G
C
E
Type
VCE
IC
Package
Ordering Code
BUP 314S
1200V 25A
TO-218 AB
C67040-A4207-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
1200
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
1200
Gate-emitter voltage
VGE
± 20
DC collector current
TC = 25 °C
TC = 90 °C
IC
17
25
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 90 °C
ICpuls
34
50
Avalanche energy, single pulse
IC = 25 A, VCC = 50 V, RGE = 25 Ω
L = 200 µH, Tj = 25 °C
EAS
65
mJ
Power dissipation
TC = 25 °C
Ptot
300
W
Chip or operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150


Similar Part No. - BUP314S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP314D SIEMENS-BUP314D Datasheet
105Kb / 9P
IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
More results

Similar Description - BUP314S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP200 SIEMENS-BUP200 Datasheet
300Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP203 SIEMENS-BUP203 Datasheet
393Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP213 SIEMENS-BUP213 Datasheet
110Kb / 8P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP302 SIEMENS-BUP302 Datasheet
419Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP307 SIEMENS-BUP307 Datasheet
343Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP309 SIEMENS-BUP309 Datasheet
113Kb / 5P
IGBT (High switching speed Low tail current Latch-up free Avalanche rated)
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP402 SIEMENS-BUP402 Datasheet
87Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com