Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP314S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BUP314S
Description  IGBT (High switching speed Very low switching losses Low tail current Latch-up free Avalanche rated)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP314S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BUP314S Datasheet HTML 1Page - Siemens Semiconductor Group BUP314S Datasheet HTML 2Page - Siemens Semiconductor Group BUP314S Datasheet HTML 3Page - Siemens Semiconductor Group BUP314S Datasheet HTML 4Page - Siemens Semiconductor Group BUP314S Datasheet HTML 5Page - Siemens Semiconductor Group BUP314S Datasheet HTML 6Page - Siemens Semiconductor Group BUP314S Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Feb-07-1997
BUP 314S
Preliminary data
AC Characteristics
Transconductance
VCE = 20 V, IC = 15 A
gfs
8.5
12
-
S
Input capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Ciss
-
1950
2600
pF
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Coss
-
180
270
Reverse transfer capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Crss
-
120
180
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at
Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 15 A
RGon = 47 Ω
td(on)
-
65
100
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 15 A
RGon = 47 Ω
tr
-
60
90
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 15 A
RGoff = 47 Ω
td(off)
-
420
560
Fall time
VCC = 600 V, VGE = -15 V, IC = 15 A
RGoff = 47 Ω
tf
-
70
95



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com