Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP314S Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BUP314S
Description  IGBT (High switching speed Very low switching losses Low tail current Latch-up free Avalanche rated)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP314S Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BUP314S Datasheet HTML 1Page - Siemens Semiconductor Group BUP314S Datasheet HTML 2Page - Siemens Semiconductor Group BUP314S Datasheet HTML 3Page - Siemens Semiconductor Group BUP314S Datasheet HTML 4Page - Siemens Semiconductor Group BUP314S Datasheet HTML 5Page - Siemens Semiconductor Group BUP314S Datasheet HTML 6Page - Siemens Semiconductor Group BUP314S Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Feb-07-1997
BUP 314S
Preliminary data
Maximum Ratings
Parameter
Symbol
Values
Unit
DIN humidity category, DIN 40 040
-
E
-
IEC climatic category, DIN IEC 68-1
-
55 / 150 / 56
Thermal Resistance
Thermal resistance, chip case
RthJC
≤ 0.42
K/W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Collector-emitter breakdown voltage
VGE = 0 V, IC = 0.3 mA, Tj = 25 °C
V(BR)CES
1200
-
-
V
Gate threshold voltage
VGE = VCE, IC = 0.35 mA, Tj = 25 °C
VGE(th)
4.5
5.5
6.5
Collector-emitter saturation voltage
VGE = 15 V, IC = 15 A, Tj = 25 °C
VGE = 15 V, IC = 15 A, Tj = 125 °C
VGE = 15 V, IC = 30 A, Tj = 25 °C
VGE = 15 V, IC = 30 A, Tj = 125 °C
VCE(sat)
-
-
-
-
6.6
8
4.6
5.5
-
-
-
7.6
Zero gate voltage collector current
VCE = 1200 V, VGE = 0 V, Tj = 25 °C
ICES
-
-
0.8
mA
Gate-emitter leakage current
VGE = 25 V, VCE = 0 V
IGES
-
-
100
nA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com