Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F30 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT67F30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
2
March 06 , 2012
Rev. 1.50
3
March 06 , 2012
Writing Data to the EEPROM................................................................................................ 51
Write Protection..................................................................................................................... 51
EEPROM Interrupt ................................................................................................................ 51
Programming Considerations................................................................................................ 52
Oscillator ......................................................................................................... 53
Oscillator Overview ............................................................................................................... 53
System Clock Configurations................................................................................................ 53
External Crystal/ Ceramic Oscillator – HXT .......................................................................... 54
External RC Oscillator – ERC ............................................................................................... 55
Internal RC Oscillator – HIRC ............................................................................................... 56
External 32.768kHz Crystal Oscillator – LXT........................................................................ 56
LXT Oscillator Low Power Function ...................................................................................... 57
Internal 32kHz Oscillator – LIRC........................................................................................... 57
External Clock – EC.............................................................................................................. 57
Supplementary Oscillators .................................................................................................... 57
Operating Modes and System Clocks .......................................................... 58
System Clocks ...................................................................................................................... 58
System Operation Modes...................................................................................................... 60
Control Register .................................................................................................................... 61
Fast Wake-up........................................................................................................................ 62
Operating Mode Switching and Wake-up.............................................................................. 64
NORMAL Mode to SLOW Mode Switching........................................................................... 64
SLOW Mode to NORMAL Mode Switching........................................................................... 66
Entering the SLEEP0 Mode .................................................................................................. 66
Entering the SLEEP1 Mode .................................................................................................. 66
Entering the IDLE0 Mode...................................................................................................... 67
Entering the IDLE1 Mode...................................................................................................... 67
Standby Current Considerations........................................................................................... 67
Wake-up................................................................................................................................ 68
Programming Considerations................................................................................................ 68
Watchdog Timer.............................................................................................. 69
Watchdog Timer Clock Source.............................................................................................. 69
Watchdog Timer Control Register ......................................................................................... 69
Watchdog Timer Operation ................................................................................................... 70
Reset and Initialisation.......................................................................................................... 71
Reset Functions .................................................................................................................... 71
Reset Initial Conditions ......................................................................................................... 74
Input/Output Ports.......................................................................................... 85
Pull-high Resistors ................................................................................................................ 88
Port A Wake-up ..................................................................................................................... 90
I/O Port Control Registers..................................................................................................... 90
Pin-remapping Functions ...................................................................................................... 92
Pin-remapping Registers....................................................................................................... 92
I/O Pin Structures.................................................................................................................. 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com