Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F30 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 242 page
background image
Rev. 1.50
32
March 06 , 2012
Rev. 1.50
33
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Fe tc h In st . 1E xe cu te I ns t . 1
Fe tc h In st . 2
Fl us h Pi pel in e
1
2
3
4
5
6 DE LA Y:
MO V A, [1 2H ]
CA LL D EL AY
CP L [ 12H ]
:
:
NO P
Ex ec ut e In st . 2
Fe tc h In st . 3
Fe tc h In st . 6
Ex ec ut e In s t. 6
Fe tc h In st . 7
Instruction Fetching
Program Counter
During program execution, the Program Counter is used to keep track of the address of the next
instruction to be executed. It is automatically incremented by one each time an instruction is
executed except for instructions, such as “JMP” or “CALL” that demand a jump to a non-
consecutive Program Memory address. Only the lower 8 bits, known as the Program Counter Low
Register, are directly addressable by the application program.
When executing instructions requiring jumps to non-consecutive addresses such as a jump
instruction, a subroutine call, interrupt or reset, etc., the microcontroller manages program control
by loading the required address into the Program Counter. For conditional skip instructions, once the
condition has been met, the next instruction, which has already been fetched during the present
instruction execution, is discarded and a dummy cycle takes its place while the correct instruction is
obtained.
Device
Program Counter
Program Counter
High Byte
PCL Register
HT67F30
PC10~PC8
PCL7~PCL0
HT67F40
PC11~PC8
HT67F50
PC12~PC8
HT67F60
PC13~PC8
Program Counter
The lower byte of the Program Counter, known as the Program Counter Low register or PCL, is
available for program control and is a readable and writeable register. By transferring data directly into
this register, a short program jump can be executed directly, however, as only this low byte is available
for manipulation, the jumps are limited to the present page of memory, that is 256 locations. When
such program jumps are executed it should also be noted that a dummy cycle will be inserted.
Manipulating the PCL register may cause program branching, so an extra cycle is needed to pre-fetch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com