Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F30 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 242 page
background image
Rev. 1.50
36
March 06 , 2012
Rev. 1.50
37
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
5-pin interface. This provides manufacturers with the possibility of manufacturing their circuit
boards complete with a programmed or un-programmed microcontroller, and then programming or
upgrading the program at a later stage. This enables product manufacturers to easily keep their
manufactured products supplied with the latest program releases without removal and re-insertion of
the device.
MCU Programming Pins
Function
PA0
Serial Data Input/Output
PA2
Serial Clock
RES
Device Reset
VDD
Power Supply
VSS
Ground
The Program Memory and EEPROM data memory can both be programmed serially in-circuit using
this 5-wire interface. Data is downloaded and uploaded serially on a single pin with an additional
line for the clock. Two additional lines are required for the power supply and one line for the reset.
The technical details regarding the in-circuit programming of the devices are beyond the scope of
this document and will be supplied in supplementary literature.
During the programming process the RES pin will be held low by the programmer disabling the
normal operation of the microcontroller and taking control of the PA0 and PA2 I/O pins for data and
clock programming purposes. The user must there take care to ensure that no other outputs are
connected to these two pins.
Table Read Program Example
tempreg1
db
?
; temporary register #1
tempreg2
db
?
; temporary register #2
:
:
mov a,06h
; initialise low table pointer - note that this
address
mov tblp,a
; is referenced
mov a,07h
; initialise high table pointer
tbhp,a
:
:
tabrd tempreg1
; transfers value in table referenced by table
pointer data at program
; memory address 706H transferred to tempreg1 and
TBLH
dec tblp
; reduce value of table pointer by one
tabrd tempreg2
; transfers value in table referenced by table
pointer data at program
; memory address 705H transferred to tempreg2 and
TBLH in this
; example the data 1AH is transferred to tempreg1
and data 0FH to
; register tempreg2
:
:
org 700h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com