Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8972 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT8972
Description  Voice Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8972 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT8972 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 9Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application Circuits
Echo Mode
Note: 1.
: Analog ground,
: Digital ground
2. When the value of the Rosc increases, the range of the Delay time also increases. Please refer to the
ROSC-fOSC-Delay_time-Distortion Cross table for the ROSC & Delay time values.
HT8972
Rev. 1.00
6
December 23, 2008
V C C
R E F
A G N D
4 7 m F
1
2
3
D G N D
O S C _ O
V C O
C C 1
4
5
6
7
C C 0
8
1 0 0 m F
0 . 1 m F
0 . 1 m F
L P F 1 _ I N
L P F 1 _ O U T
1 0 0 0 p F
1 0 k W
4 . 3 k W
1 6
1 5
4 . 7 m F
6 8 0 0 p F
4 . 3 k W
4 . 7 m F
1 0 0 k W
3 . 3 k W
1 0 m F
0 . 0 3 3 m F
O u t p u t
1 0 m F
L P F 2 _ O U T
L P F 2 _ I N
5 6 0 p F
4 . 3 k W
1 0 k W
1 4
1 3
6 8 0 0 p F
O P 2 _ O U T
O P 2 _ I N
4 . 3 k W
1 2
1 1
O P 1 _ I N
O P 1 _ O U T
1 0
9
V C C
2 0 k W
4 . 7 m F
3 9 p F
4 7 k W
2 2 m F
5 6 0 W
4
9 V
8
1
3
2
2 0 k W
V C C
4 . 7 k W
4 7 k W
4 . 7 k W
1 0 0 m F
1 k W
1 m F
4 . 7 k W
1 k W
1 m F
4 . 7 k W
M I C
4 5 5 8
4 . 7 k W
H T 8 9 7 2
0 . 1 m F
M I C V O L
2 . 7 k W
6 8 0 0 p F
6 8 0 0 p F
F e e d B a c k
1
2
E c h o M o d e
5 0 k W
2 0 k W
D e l a y T i m e
R O S C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com