Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8972 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT8972
Description  Voice Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8972 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT8972 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT8972
Voice Echo
Block Diagram
Rev. 1.00
1
December 23, 2008
Features
· Operating voltage: 4.5V~5.5V
· ADM algorithm
· Low noise
- Echo mode: -85dB
- Surround mode: -90dB
· Low distortion rate
- Echo mode: 1%
- Surround mode: 0.2%
· Built-in 40Kb SRAM
· Automatic reset function
· 16-pin DIP/SOP package
Applications
· Television
· Karaoke systems
· Video disc player
· Sound equipments
General Description
The HT8972 is an echo/surround effect processor. It is
designed for various audio systems including karaoke,
television, sound equipments, etc. The chip consists of
a built-in pre-amplifier, VCO or Voltage Control OSC,
40Kb SRAM, A/D and D/A converters as well as delay
time control logic.
Its built-in 40Kb SRAM can generate delay time effect
and can control the delay time value through the exter-
nal VCO resistor.
The VCO circuit can reduce external components and
make it easy to adjust the delay time.
1 / 2 V C C
A U T O
R E S E T
D I
M O
M I
C L O C K
4 0 K B i t s
R A M
V C O
C O M P
L P F 2
D O 0
D O 1
4 . 7 k W
M O D
D E M
L P F 1
O S C _ O
R E F
V C C
A G N D
D G N D
L P F 1 _ I N
L P F 1 _ O U T
L P F 2 _ O U T
L P F 2 _ I N
O P 2 _ O U T
O P 2 _ I N O P 1 _ I N
O P 1 _ O U T
C C 0
C C 1
4 . 7 k W
v c o


Similar Part No. - HT8972

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
Voice Echo
May 2, 2008
More results

Similar Description - HT8972

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL50233 ZARLINK-ZL50233_06 Datasheet
547Kb / 38P
4 Channel Voice Echo Cancellor
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
Voice Echo
May 2, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com