Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8972 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8972
Description  Voice Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8972 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8972 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8972 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-883.875
861.250
9
1027.425
-892.700
2
-865.105
-891.900
10
907.375
890.431
3
-564.105
-892.700
11
715.175
890.429
4
-44.775
-892.700
12
467.375
890.431
5
147.425
-892.700
13
275.175
890.429
6
395.225
-892.700
14
60.790
879.700
7
587.425
-892.700
15
-203.150
868.440
8
835.225
-892.700
16
-783.875
861.250
Pad Description
Pad No.
Pad Name
I/O
Internal Connection
Description
1
DGND
I
¾
Digital ground
2
OSC_O
O
¾
System oscillator output
3
VCO
I
¾
System oscillator input, system frequency adjustable pin
4
CC1
¾¾
Current control 1
5
CC0
¾¾
Current control 0
6
OP1_OUT
O
¾
OP1 output
7
OP1_IN
I
¾
OP1 input
8
OP2_IN
I
¾
OP2 input
9
OP2_OUT
O
¾
OP2 output
10
LPF2_IN
I
¾
Low pass filter 2 input
11
LPF2_OUT
O
¾
Low pass filter 2 output
12
LPF1_OUT
O
¾
Low pass filter 1 output
13
LPF1_IN
I
¾
Low pass filter 1 input
14
VCC
I
¾
Analog and positive power supply
15
REF
I
¾
Analog reference voltage
16
AGND
I
¾
Analog ground
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature .............................
-20°Cto70°
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT8972
Rev. 1.00
3
December 23, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com