Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM16AL30A Datasheet(PDF) 1 Page - Protek Devices

Part # PAM16AL30A
Description  15kW POWER TVS COMPONENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM16AL30A Datasheet(HTML) 1 Page - Protek Devices

  PAM16AL30A Datasheet HTML 1Page - Protek Devices PAM16AL30A Datasheet HTML 2Page - Protek Devices PAM16AL30A Datasheet HTML 3Page - Protek Devices PAM16AL30A Datasheet HTML 4Page - Protek Devices PAM16AL30A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05360.R0 12/11
Page 1
PAM16AL30A
15kW PoWeR tvs coMPonent
DescRiPtion
The PAM16AL30A is a discrete 15,000 Watt, silicon transient voltage suppressors(TVS) designed for use in automotive
applications where large voltage transients can permanently damage voltage sensitive components and equipment.
The PAM16AL30A is available in 30 Volts with 5 percent and 10 percent tolerances. Both tolerances are referenced to
the power supply output or operating voltage level. This device is compatiable with IEC 61000-4-5 (Surge) require-
ments.
FeAtuRes
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-
Ground), L4(Line-Line) & L1 (Power)
• 15,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional Configuration
• Easy Mounting to Printed Circuit Board
• tClamping (0V to V
BR Min.) < 1 x 10
-12
seconds theoretical (Unidirec-
tional)
• RoHS Complaint (Exemption #7)
MechAnicAL chARActeRistics
• Molded Case
• Approximate Weight: 5 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
APPLicAtions
• Automotive Applications
ciRcuit DiAGRAM
AXiAL LeAD PAckAGe
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - PAM16AL30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PAM10ST2324C PROTEC-PAM10ST2324C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
high power tvs for automotive load dump applications
PAM11SO803 PROTEC-PAM11SO803 Datasheet
507Kb / 6P
HIGH POWER LOW CAPACITANCE TVS ARRAY
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM16AL30A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
15kW power tvs component
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
15kW SURFACE MOUNT POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
15kW power tvs component
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com