Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM16AL30A Datasheet(PDF) 2 Page - Protek Devices

Part # PAM16AL30A
Description  15kW POWER TVS COMPONENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM16AL30A Datasheet(HTML) 2 Page - Protek Devices

  PAM16AL30A Datasheet HTML 1Page - Protek Devices PAM16AL30A Datasheet HTML 2Page - Protek Devices PAM16AL30A Datasheet HTML 3Page - Protek Devices PAM16AL30A Datasheet HTML 4Page - Protek Devices PAM16AL30A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05360.R0 12/11
Page 2
PAM16AL30A
tyPicAL Device chARActeRistics
MAXiMuM RAtinGs @ 25°c unless otherwise specified
PARAMeteR
syMBoL
vALue
units
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
15,000
Watts
Forward Surge Rating - 1/120 seconds - See Note 2
I
F
200
Amps
Steady State Power Dissipation
P
P
8.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
eLectRicAL chARActeRistics PeR Line @ 25°c unless otherwise specified
PARt
nuMBeR
(note 1)
RAteD
stAnD-oFF
voLtAGe
v
WM
voLts
BReAkDoWn
voLtAGe
MAXiMuM
LeAkAGe
cuRRent
@v
WM
i
D
µA
MAXiMuM
cLAMPinG
voLtAGe
(Fig. 2)
@ 10/1000µs
v
c @ iPP
teMPeRAtuRe
coeFFicient
oF v
(BR)
qv
(BR)
mv/°c
Min
v
(BR)
voLts
@i
t
mA
PAM16AL30A
30.0
33.3
5
15
50.7V @ 296.0A
34
notes
1. V
F = 7.5 Volts @ 200A, 8.3ms(1/2 Sine Wave).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com