Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM16AL30A Datasheet(PDF) 4 Page - Protek Devices

Part # PAM16AL30A
Description  15kW POWER TVS COMPONENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM16AL30A Datasheet(HTML) 4 Page - Protek Devices

  PAM16AL30A Datasheet HTML 1Page - Protek Devices PAM16AL30A Datasheet HTML 2Page - Protek Devices PAM16AL30A Datasheet HTML 3Page - Protek Devices PAM16AL30A Datasheet HTML 4Page - Protek Devices PAM16AL30A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05360.R0 12/11
Page 4
PAM16AL30A
AXiAL LeAD PAckAGe inFoRMAtion
oRDeRinG inFoRMAtion
BAse PARt nuMBeR
LeADFRee suFFiX
tAPe suFFiX
Qty/ReeL
ReeL siZe
tuBe Qty
PAM16AL30A
n/a
n/a
n/a
n/a
n/a
notes
1. Marking on Part - logo, part number and date.
MARkinG DiAGRAM
Package outline per document number 06028.R2 9/09.
outLine DiMensions
DiM
MiLLiMeteRs
inches
Min
MAX
Min
MAX
A
24.5
-
1.00
-
B
8.60
9.10
0.34
0.36
C
24.5
-
1.00
-
D
1.20 DIA.
1.30 DIA.
0.048 DIA.
0.052 DIA.
E
8.60
9.10
0.34
0.36
notes
1. Dimensions are exclusive of mold flash and metal burrs.
E
A
B
C
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com