Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAUSB42 Datasheet(PDF) 2 Page - Protek Devices

Part # PAUSB42
Description  LoPro??DPDT USB2.0 (480Mbps) Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAUSB42 Datasheet(HTML) 2 Page - Protek Devices

  PAUSB42 Datasheet HTML 1Page - Protek Devices PAUSB42 Datasheet HTML 2Page - Protek Devices PAUSB42 Datasheet HTML 3Page - Protek Devices PAUSB42 Datasheet HTML 4Page - Protek Devices PAUSB42 Datasheet HTML 5Page - Protek Devices PAUSB42 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PAUSB42
LoPro™ DPDT USB2.0 (480Mbps) Switch
95215 Rev.0. 02/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings(1)
Supply Voltage……………………..................................... –0.5V to 4.6V
DC Input Voltage…………………………………………...–0.5V to VCC +0.5V
DC Output Current ...............................................................±120mA
Storage Temperature Range …………………………….–65°C to +150°C
Power Dissipation (PD) @ +85°C……………........................…500mW
Notes:-
1. "Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions
beyond those indicated in the operational sections of this specification is not implied.
2. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
3. Control input must be held HIGH or LOW; it must not float
Recommended operating Conditions
SYMBOL PARAMETER
MIN
MAX
UNIT
VCC
Supply Voltage
2.7
4.2
V
VCNTRL
Control Input Voltage
0
VCC
V
VSW
Switch I/O Voltage
-0.5
4.5
V
TA
Operating Temperature
°C
DC Electrical Characteristics
TA = 40 °C to +85 °C
SYMBOL PARAMETER
CONDITIONS
VCC (V)
MIN
TYP
MAX
UNITS
VIK
Clamp Diode Voltage
IIN = 18mA
3.0
-1.2
V
3.0 to 3.6
1.3
V
VIH
Input Voltage High
4.2
1.7
V
3.0 to 3.6
0.5
V
VIL
Input Voltage Low
4.2
0.7
V
IIN
Control Input Leakage
VSW = 0 to VCC
4.2
-1
1
μA
IOZ
Off State Leakage
0 ≤ Dn, HSD1n, HSD2n ≤ 3.6V
4.2
-2
2
μA
IOFF
Power Off Leakage Current
VSW = 0V to 4.3V, VCC = 0V
See Figure 4.
0
-2
2
μA
RON
Switch On Resistance(1)
VSW = 0V to 4.3V, ION = -8mA
See Figure 3.
3.0
7
Ω
∆R
ON
Delta RON (2)
VSW = 0.4V, ION = -8mA
3.0
0.6
Ω
ICC
Quiescent Supply Current
VCNTRL = 0 or VCC, IOUT = 0
4.2
1.0
μA
VCNTRL = 2.6V, VCC = 4.3V
4.2
10.0
μA
ICCT
Increase in ICC per Control
Voltage and VCC
VCNTRL = 1.8V, VCC = 4.3V
4.2
15.0
μA
Notes:
1.
Measured by voltage drop between HSDn and Dn pins at the indicated current through the switch.
2.
Guaranteed by characterization



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com