Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAUSB42 Datasheet(PDF) 1 Page - Protek Devices

Part # PAUSB42
Description  LoPro??DPDT USB2.0 (480Mbps) Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAUSB42 Datasheet(HTML) 1 Page - Protek Devices

  PAUSB42 Datasheet HTML 1Page - Protek Devices PAUSB42 Datasheet HTML 2Page - Protek Devices PAUSB42 Datasheet HTML 3Page - Protek Devices PAUSB42 Datasheet HTML 4Page - Protek Devices PAUSB42 Datasheet HTML 5Page - Protek Devices PAUSB42 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PAUSB42
LoPro™ DPDT USB2.0 (480Mbps) Switch
95215 Rev.0. 02/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
•
Low On-Resistance: 7.0Ω typical.
•
Vcc Range: 2.7V to 4.2V ±10%
•
Switching Speed 20nS
•
Break-Before-Make Switching
•
Extended Industrial Temperature Range: –40°C to 85°C
•
LoPro™ Packaging (Pb-free): 10-Lead Micro Package
•
Bandwidth 895MHz @ -3dB roll-off.
•
Compatible with 1.8V systems.
•
Power off protection.
Applications
•
Hand Held Devices
•
Cell Phones
•
PDA’s
•
Notebooks
•
LCD Monitors
•
Set Top Box
•
USB2.0 Applications
Pin Definitions
Pin No.
Name
Description
8
OE
Switch Enable
3
GND
Ground
4,5,6,7
HSD1n,
HSD2n.
Multiplexed DATA I/O
1,2
D+, D-
Common Port / USB DATA
9
VCC
Positive Power Supply
10
SEL
Switch Select
Logic Function Table
OE
SEL
Function
H
X
I/O’s = Hi-Z
L
L
D+,D- = HSD1+, HSD1-
L
H
D+,D- = HSD2+,HSD2-.
Description
ProTek Analog’s PAUSB42 is a bidirectional two-port Hi-speed
USB2.0 switch. Configured as a double-pole double throw (DPDT)
switch, it is optimized for switching between two 480Mbps sources
or a Hi-speed and Full-speed 12Mbps source.
The bandwidth of 895MHz allows passing of the 3rd Harmonic,
resulting in minimal edge and phase distortion.
Superior channel to channel crosstalk minimizes interference.
The PAUSB42 contains circuitry for Power-Off protection when VCC
= 0V. Data pins can tolerate up to 5.5V
The PAUSB42 is compatible with 1.8 and 1.4V Systems.
Functional Block Diagram
Pin Configuration (Top through View)
Temperature Range
Package
Part Number
-40 to 85 °C
10 Lead LoPro
PAUSB42-T7
HSD1+
SEL
OE
GND
VCC
HSD1-
10
1
2
3
4
5
6
7
8
9
D+
D-
Control
OE
SEL
HSD1-
HSD1+
HSD2-
HSD2+


Similar Description - PAUSB42

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
logo
Protek Devices
PA2070 PROTEC-PA2070 Datasheet
110Kb / 6P
LoPro??DPDT 400MHz Switch
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
LoPro??DPDT USB2.0 Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
HIGH-SPEED USB2.0 DPDT SWITCH
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
USB2.0(480MBPS)SWITCH
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
Will Semiconductor Ltd.
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
A4732 AITSEMI-A4732 Datasheet
569Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com