Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAUSB42 Datasheet(PDF) 4 Page - Protek Devices

Part # PAUSB42
Description  LoPro??DPDT USB2.0 (480Mbps) Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAUSB42 Datasheet(HTML) 4 Page - Protek Devices

  PAUSB42 Datasheet HTML 1Page - Protek Devices PAUSB42 Datasheet HTML 2Page - Protek Devices PAUSB42 Datasheet HTML 3Page - Protek Devices PAUSB42 Datasheet HTML 4Page - Protek Devices PAUSB42 Datasheet HTML 5Page - Protek Devices PAUSB42 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PAUSB42
LoPro™ DPDT USB2.0 (480Mbps) Switch
95215 Rev.0. 02/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Diagrams.
Fig.3 On Resistance
Fig.4 Off Leakage.
Fig.5 AC Test Circuit
Fig.6 Turn-On / Turn-Off Waveforms
Fig.7 Break-Before-Make interval Timing
VSW1
VOUT
RL
CL
50Ω
5pF
Logic
Input
GND
SEL
HSDn
50%
Logic
Input
VOUT
tBBM
HSDn
Dn
HSDn
VSW
SEL
ION
GND
VON
0V or VCC
IDn (OFF)
NC
VSW
SEL
GND
0V or VCC
A
**Each switch port tested separately
VIN
VOUT
RL
RL , CL Are functions of the application
50Ω
5pF
Logic
Input
GND
SEL
HSDn
Dn
tON
tOFF
VIH
VIL
Off
Off
On
50%
90%
90%
Logic
Input
Switch
Output
tr < 5nS
tf < 5nS
0V
CL
VSW2
Dn
0V
VCC
RL , CL Are functions of the application
0.9*VOUT
0.9*VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com