Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6LC6.5-2P Datasheet(PDF) 5 Page - Protek Devices

Part # SMP6LC6.5-2P
Description  MULTI-LINE LOW CAPACTANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC6.5-2P Datasheet(HTML) 5 Page - Protek Devices

  SMP6LC6.5-2P Datasheet HTML 1Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 2Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 3Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 4Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 5Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 6Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05088.R10 9/11
Page 5
SMP6LC05-2P - SMP6LC24-2P
So-16 PaCkaGE INFoRMaTIoN
oUTLINE DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MaX
MIN
MaX
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NoTES
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PaD LaYoUT DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MaX
MIN
MaX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NoTES
1. Controlling dimension: inches.
-A-
16
9
8
1
-B- P
8 PL
0.010” (0.25mm)
M
M B
+
G
D
C
K
-T-
16 PL
0.010” (0.25mm) M
S
B
+
S
A
T
R X 45°
J
0° - 10°
F
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com