Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6LC6.5-2P Datasheet(PDF) 3 Page - Protek Devices

Part # SMP6LC6.5-2P
Description  MULTI-LINE LOW CAPACTANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC6.5-2P Datasheet(HTML) 3 Page - Protek Devices

  SMP6LC6.5-2P Datasheet HTML 1Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 2Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 3Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 4Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 5Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 6Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05088.R10 9/11
Page 3
SMP6LC05-2P - SMP6LC24-2P
TYPICaL DEVICE ChaRaCTERISTICS
Peak Pulse Power
10/1000µs
FIGURE 4
PowER DERaTING CURVE
T
L - Lead Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 3
PULSE waVE FoRM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FIGURE 2
PEak PULSE PowER VS PULSE TIME
t
d - Pulse Duration - µs
10
100
1,000
0.1
1
10
3900W, 8/20µs
Waveform
400W, 10/1000µs
Waveform



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com