Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6LC6.5-2P Datasheet(PDF) 2 Page - Protek Devices

Part # SMP6LC6.5-2P
Description  MULTI-LINE LOW CAPACTANCE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC6.5-2P Datasheet(HTML) 2 Page - Protek Devices

  SMP6LC6.5-2P Datasheet HTML 1Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 2Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 3Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 4Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 5Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 6Page - Protek Devices SMP6LC6.5-2P Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05088.R10 9/11
Page 2
SMP6LC05-2P - SMP6LC24-2P
TYPICaL DEVICE ChaRaCTERISTICS
MaXIMUM RaTINGS @ 25°C Unless otherwise Specified
PaRaMETER
SYMBoL
VaLUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 2
P
PP
3,900
Watts
Peak Pulse Power (tp = 10/1000µs) - See Figure 2
P
PP
400
Watts
ELECTRICaL ChaRaCTERISTICS PER LINE @ 25°C Unless otherwise Specified
PaRT
NUMBER
(Note 1)
RaTED
STaND-oFF
VoLTaGE
V
wM
VoLTS
MINIMUM
BREakDowN
VoLTaGE
@1ma
V
(BR)
VoLTS
MaXIMUM
CLaMPING
VoLTaGE
(Fig. 3)
@ 8/20µS
V
C @ IPP
MaXIMUM
LEakaGE
CURRENT
@V
wM
I
D
µa
TYPICaL
CaPaCITaNCE
@0V, 1Mhz
C
pF
SMP6LC05-2P
5.0
6.0
26.0V @ 150.0A
300
15
SMP6LC6.5-2P
6.5
7.2
28.0V @ 150.0A
300
15
SMP6LC12-2P
12.0
13.3
35.0V @ 140.0A
2
15
SMP6LC15-2P
15.0
16.7
50.0V @ 110.0A
2
15
SMP6LC24-2P
24.0
26.7
57.0V @ 80.0A
2
15
NoTES
1. Do not surge from pins 15/16 to 1/2, 3/4 to 13/14, 11/12 to 5/6 and 7/8 to 9/10. PIV typically greater than 100 Volts for each rectifier diode.
5V
6.5V
12V
15V
24V
FIGURE 1
MaXIMUM IPP VS PULSE DURaTIoN BY VoLTaGE
t
d - Pulse Duration - µs
10
100
1000
1
10
100
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com