Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 52Page - Renesas Technology Corp RL78 Datasheet HTML 53Page - Renesas Technology Corp RL78 Datasheet HTML 54Page - Renesas Technology Corp RL78 Datasheet HTML 55Page - Renesas Technology Corp RL78 Datasheet HTML 56Page - Renesas Technology Corp RL78 Datasheet HTML 57Page - Renesas Technology Corp RL78 Datasheet HTML 58Page - Renesas Technology Corp RL78 Datasheet HTML 59Page - Renesas Technology Corp RL78 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 56 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
(Notes and Remarks are listed on the next page.)
(2)
Flash ROM: 96 to 256 KB of 30- to 100-pin products
(TA = -40 to +85
C, 1.6 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(1/2)
Parameter Symbol
Conditions
MIN. TYP.
MAX. Unit
Supply
current
Note 1
IDD1
Operating
mode
High-speed
operation Notes 3, 5
fHOCO = 64 MHz,
fIH = 32 MHz
Basic
operation
VDD = 5.0 V
2.6
mA
VDD = 3.0 V
2.6
fHOCO = 32 MHz,
fIH = 32 MHz
Basic
operation
VDD = 5.0 V
2.3
VDD = 3.0 V
2.3
High-speed
operation Notes 3, 5
fHOCO = 64 MHz,
fIH = 32 MHz
Normal
operation
VDD = 5.0 V
5.8
10.2
mA
VDD = 3.0 V
5.8
10.2
fHOCO = 32 MHz,
fIH = 32 MHz
Normal
operation
VDD = 5.0 V
5.4
9.6
VDD = 3.0 V
5.4
9.6
fHOCO = 48 MHz,
fIH = 24 MHz
Normal
operation
VDD = 5.0 V
4.5
7.8
VDD = 3.0 V
4.5
7.8
fHOCO = 24 MHz,
fIH = 24 MHz
Normal
operation
VDD = 5.0 V
4.2
7.4
VDD = 3.0 V
4.2
7.4
fHOCO = 16 MHz,
fIH = 16 MHz
Normal
operation
VDD = 5.0 V
3.1
5.3
VDD = 3.0 V
3.1
5.3
Low-speed
operation Notes 3, 5
fHOCO = 8 MHz,
fIH = 8 MHz
Normal
operation
VDD = 3.0 V
1.4
2.3
mA
VDD = 2.0 V
1.4
2.3
Low-voltage
operation Notes 3, 5
fHOCO = 4 MHz,
fIH = 4 MHz
Normal
operation
VDD = 3.0 V
1.4
1.9
mA
VDD = 2.0 V
1.4
1.9
High-speed
operation Notes 2, 5
fMX = 20 MHz,
VDD = 5.0 V
Normal
operation
Square wave input
3.7
6.2
mA
Resonator connection
3.9
6.4
fMX = 20 MHz,
VDD = 3.0 V
Normal
operation
Square wave input
3.7
6.2
Resonator connection
3.9
6.4
fMX = 10 MHz,
VDD = 5.0 V
Normal
operation
Square wave input
2.2
3.6
Resonator connection
2.3
3.7
fMX = 10 MHz,
VDD = 3.0 V
Normal
operation
Square wave input
2.2
3.6
Resonator connection
2.3
3.7
Low-speed
operation Notes 2, 5
fMX = 8 MHz,
VDD = 3.0 V
Normal
operation
Square wave input
1.3
2.2
mA
Resonator connection
1.3
2.3
fMX = 8 MHz,
VDD = 2.0 V
Normal
operation
Square wave input
1.3
2.2
Resonator connection
1.3
2.3
Subsystem clock
operation Note 4
fSUB = 32.768 kHz
TA = -40
C
Normal
operation
Square wave input
5.0
A
Resonator connection
5.0
fSUB = 32.768 kHz
TA = +25
C
Normal
operation
Square wave input
5.0
7.1
Resonator connection
5.0
7.1
fSUB = 32.768 kHz
TA = +50
C
Normal
operation
Square wave input
5.1
8.8
Resonator connection
5.1
8.8
fSUB = 32.768 kHz
TA = +70
C
Normal
operation
Square wave input
5.5
10.5
Resonator connection
5.5
10.5
fSUB = 32.768 kHz
TA = +85
C
Normal
operation
Square wave input
6.5
14.5
Resonator connection
6.5
14.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com