Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 25Page - Renesas Technology Corp RL78 Datasheet HTML 26Page - Renesas Technology Corp RL78 Datasheet HTML 27Page - Renesas Technology Corp RL78 Datasheet HTML 28Page - Renesas Technology Corp RL78 Datasheet HTML 29Page - Renesas Technology Corp RL78 Datasheet HTML 30Page - Renesas Technology Corp RL78 Datasheet HTML 31Page - Renesas Technology Corp RL78 Datasheet HTML 32Page - Renesas Technology Corp RL78 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 29 of 97
Feb 21, 2012
1.5.9
80-pin products
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
SYSTEM
CONTROL
HIGH-SPEED
ON-CHIP
OSCILLATOR
RxD0/P50
TxD0/P51
UART1
RxD1/P03
TxD1/P02
TI02/TO02/P17
TI03/TO03/P31
TI00/P00
CSI00
SCK00/P30
SO00/P51
SI00/P50
TI01/TO01/P16
TRDIOA0/TRDCLK0/P17
TRDIOB0/P15, TRDIOC0/P16,
TRDIOD0/P14
4
TRDIOA1/P13 toTRDIOD1/P10
3
SSI00/P62
TIMER RD (2ch)
ch0
ch1
WINDOW
WATCHDOG
TIMER
REAL-TIME
CLOCK
SERIAL ARRAY
UNIT0 (4ch)
UART0
LINSEL
TO00/P01
RxD0/P50 (LINSEL)
PORT 1
P10 to P17
8
PORT 2
P20 to P27
8
PORT 3
P30, P31
2
PORT 0
P00 to P06
7
PORT 5
P50 to P55
6
PORT 6
P120
PORT 12
P121 to P124
P137
PORT 13
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
TOOL0/P40
ON-CHIP DEBUG
ANO0/P22
D/A CONVERTER
COMPARATOR
(2ch)
COMPARATOR0
IVCMP0/P17
IVREF0/P16
VCOUT0/P120
COMPARATOR1
IVCMP1/P13
IVREF1/P12
VCOUT1/P147
LOW-SPEED
ON-CHIP
OSCILLATOR
4
ANO1/P23
PORT 4
P40 to P45
P60 to P67
8
RTC1HZ/P30
X1/P121
RESET
X2/EXCLK/P122
XT1/P123
XT2/EXCLKS/P124
6
SCL00/P30
SDA00/P50
IIC00
SCL01/P43
SDA01/P44
IIC01
SCL11/P10
SDA11/P11
IIC11
SCK11/P10
SO11/P12
SI11/P11
CSI11
SCK01/P43
SO01/P45
SI01/P44
CSI01
SERIAL ARRAY
UNIT1 (4ch)
P130
INTP0/P137
INTP3/P30,
INTP4/P31
INTP1/P50,
INTP2/P51
RxD0/P50 (LINSEL)
2
2
INTP5/P16
INTP6/P140,
INTP7/P141
4
INTP8/P74 to
INTP11/P77
SCK10/P04
SO10/P02
SI10/P03
CSI10
SCL10/P04
SDA10/P03
IIC10
VDD,
EVDD0
VSS,
EVSS0
TOOLRxD/P50,
TOOLTxD/P51
2
RxD2/P14
TxD2/P13
UART2
RxD3/P143
TxD3/P144
UART3
SCK20/P15
SO20/P13
SI20/P14
CSI20
SCL20/P15
SDA20/P14
IIC20
SCL21/P70
SDA21/P71
IIC21
SCK21/P70
SO21/P72
SI21/P71
CSI21
SCK30/P142
SO30/P144
SI30/P143
CSI30
SCK31/P54
SO31/P52
SI31/P53
CSI31
SCL30/P142
SDA30/P143
IIC30
SCL31/P54
SDA31/P53
IIC31
ch0
TIMER ARRAY
UNIT0 (4ch)
ch1
ch2
ch3
ch0
TIMER ARRAY
UNIT1 (4ch)
ch1
ch2
ch3
TI10/TO10/P64
TI11/TO11/P65
TI12/TO12/P66
TI13/TO13/P67
A/D CONVERTER
AVREFP/P20
AVREFM/P21
8
ANI0/P20 to ANI7/P27
ANI8/P150 to ANI11/P153
4
ANI16/P03, ANI17/P02,
ANI18/P147, ANI19/P120,
ANI20/P100
5
INTERVAL
TIMER
TIMER RJ
TRJIO0/P01
TRJO0/P30
TIMER RG
TRGIOA/P50,
TRGIOB/P51
2
2
TRGCLKA/P00,
TRGCLKB/P01
BUZZER OUTPUT
PCLBUZ0/P140,
PCLBUZ1/P141
CLOCK OUTPUT
CONTROL
2
SDAA0/P61
SCLA0/P60
SERIAL
INTERFACE IICA0
SDAA1/P63
SCLA1/P62
SERIAL
INTERFACE IICA1
PORT 7
P70 to P77
8
PORT 10
P100
PORT 11
P110, P111
2
PORT 14
P140 to P144,
P146, P147
7
PORT 15
P150 to P153
4
KEY RETURN
KR0/P70 to
KR7/P77
8
MULTIPLIER &
DIVIDER,
MULITIPLY-
ACCUMULATOR
RL78 CPU CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
BCD
ADJUSTMENT
DATA TRANSFER
CONTROL
EVENT LINK
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com