Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 55Page - Renesas Technology Corp RL78 Datasheet HTML 56Page - Renesas Technology Corp RL78 Datasheet HTML 57Page - Renesas Technology Corp RL78 Datasheet HTML 58Page - Renesas Technology Corp RL78 Datasheet HTML 59Page - Renesas Technology Corp RL78 Datasheet HTML 60Page - Renesas Technology Corp RL78 Datasheet HTML 61Page - Renesas Technology Corp RL78 Datasheet HTML 62Page - Renesas Technology Corp RL78 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 59 of 97
Feb 21, 2012
Note 1.
Total current flowing into VDD, EVDD0 and EVDD1, including the input leakage current flowing when the level of the input
pin is fixed to VDD, EVDD0, EVDD1 or VSS, EVSS0, EVSS1. The values below the MAX. column include the peripheral
operation current. However, not including the current flowing into the A/D converter, D/A converter, comparator, LVD
circuit, I/O port, and on-chip pull-up/pull-down resistors.
Note 2.
During HALT instruction execution by flash memory.
Note 3.
When high-speed on-chip oscillator and subsystem clock are stopped.
Note 4.
When high-speed system clock and subsystem clock are stopped.
Note 5.
When operating real-time clock (RTC) and setting ultra-low current consumption (AMPHS1 = 1). When high-speed on-
chip oscillator and high-speed system clock are stopped. When watchdog timer is stopped. The values below the MAX.
column include the leakage current.
Note 6.
When high-speed on-chip oscillator, high-speed system clock, and subsystem clock are stopped. When watchdog timer
is stopped. The values below the MAX. column include the leakage current.
Note 7.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
High speed operation: VDD = 2.7 V to 5.5 V@1 MHz to 32 MHz
VDD = 2.4 V to 5.5 V@1 MHz to 16 MHz
Low speed operation: VDD = 1.8 V to 5.5 V@1 MHz to 8 MHz
Low voltage operation: VDD = 1.6 V to 5.5 V@1 MHz to 4 MHz
Remark 1. fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 2. fHOCO: High-speed on-chip oscillator clock frequency (64 MHz max.)
Remark 3. fIH: High-speed on-chip oscillator clock frequency (32 MHz max.) Note
Remark 4. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 5. Except subsystem clock operation and STOP mode, temperature condition of the TYP. value is TA = 25 °C
Note
fIH is controlled by hardware to be set to two frequency division of fHOCO when fHOCO is set to 64 MHz or 48 MHz, and the
same clock frequency as fHOCO when fHOCO is set to 32 MHz or less. When supplying 64 MHz or 48 MHz to timer RD, set
fCLK to fIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com