Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8523T
Description  Save power with small, ultra-efficient RTCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8523T Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8523T Datasheet HTML 1Page - NXP Semiconductors PCF8523T Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP ultra-low-power
RTC/calendars PCF8523
& PCF2123
Designed to perform critical time-keeping functions in a range of applications, these small, highly
efficient RTC/calendars fit nearly anywhere and cut power demands by as much as 60 percent.
Key features
} 32.768 kHz quartz crystal
} Resolution: seconds to years
} Freely programmable timer and alarm function with interrupt
} Low backup current: 100 nA typ at V
DD = 2.0 V
and Tamb = 25 °C
} Internal Power-On Reset
} Open drain interrupt and clock output pins
} Programmable offset register for frequency adjustment
} Watchdog timer
Ultra-low-power I2C RTC/calendar PCF8523
} Clock operating voltage: 1.2 V to 5.5 V
} 2 line bi-directional 1 MHz Fast-mode Plus I2C interface
} Battery backup input pin and switch-over circuitry
} Integrated oscillator load capacitors for C
L = 7 and 12.5 pF
} Second countdown timer with interrupt output
Ultra-low-power SPI RTC/calendar PCF2123
} Clock operating voltage: 1.1 to 5.5 V
} 3-line SPI with separate, combinable data I/O
} Serial interface (at V
DD = 1.6 to 5.5 V)
} Free programmable timer and alarm with interrupt capability
} Integrated oscillator load capacitors for C
L = 7 pF
Key applications
} Time-keeping functions
} Battery-powered devices
} Metering
} High-duration timers
} Daily alarms
} Systems with low standby power
The NXP PCF8523 and PCF2123 are CMOS devices that
combine a real-time clock (RTC) and a calendar. Optimized for
low power consumption, they operate at a current of less than
100 nA with a 2.0 V power supply, and consume less than 0.2μW
of power. The PCF8523 uses an I2C-bus serial interface while the
PCF2123 is equipped with an SPI serial interface.
Both devices are cased in tiny leadless packages that save
space in compact designs. This makes them well suited for
handheld and battery-operated applications, including blood-
pressure monitors and other home-use medical devices, pocket
calculators, portable phones, and PDAs. They are also an
excellent choice for white goods, such as washing machines,
metering units, and other industrial systems. Both devices can
be powered by a very small battery cell or a super-cap.
Save power with small,
ultra-efficient RTCs


Similar Part No. - PCF8523T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8523T NXP-PCF8523T Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523T-1 NXP-PCF8523T-1 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
PCF8523T/1 NXP-PCF8523T/1 Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523TK NXP-PCF8523TK Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523TK-1 NXP-PCF8523TK-1 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
More results

Similar Description - PCF8523T

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB1503 FUJITSU-MB1503 Datasheet
125Kb / 15P
LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION (1.1GHz)
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
logo
Semtech Corporation
SC172MLTRT SEMTECH-SC172MLTRT Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
Ultra-Low Power, Ultra-Small Size
logo
Semtech Corporation
SC171 SEMTECH-SC171_16 Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
logo
Microchip Technology
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC63XX MICROCHIP-DSC63XX Datasheet
457Kb / 28P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
11/07/16
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_V01 Datasheet
706Kb / 42P
Low-power serial real-time clocks (RTCs) with alarm
05-Sep-2019
logo
Mitsumi Electronics, Co...
MM336X MITSUMI-MM336X Datasheet
149Kb / 12P
150mA LDO with auto power save
logo
Infineon Technologies A...
BGA9H1BN6 INFINEON-BGA9H1BN6 Datasheet
646Kb / 12P
Highband High Performance LNA with Power-Save-Mode
Revision 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com