Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 272 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 272 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 268Page - Microsemi Corporation AFS090 Datasheet HTML 269Page - Microsemi Corporation AFS090 Datasheet HTML 270Page - Microsemi Corporation AFS090 Datasheet HTML 271Page - Microsemi Corporation AFS090 Datasheet HTML 272Page - Microsemi Corporation AFS090 Datasheet HTML 273Page - Microsemi Corporation AFS090 Datasheet HTML 274Page - Microsemi Corporation AFS090 Datasheet HTML 275Page - Microsemi Corporation AFS090 Datasheet HTML 276Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 334 page
background image
DC and Power Characteristics
3- 22
R e visio n 2
Dynamic Power Consumption of Various Internal Resources
Table 3-14 • Different Components Contributing to the Dynamic Power Consumption in Fusion Devices
Parameter
Definition
Power Supply
Device-Specific
Dynamic Contributions
Units
Name
Setting AFS1500
AFS600
AFS250 AFS090
PAC1
Clock contribution of a Global
Rib
VCC
1.5 V
14.5
12.8
11
11
µW/MHz
PAC2
Clock contribution of a Global
Spine
VCC
1.5 V
2.5
1.9
1.6
0.8
µW/MHz
PAC3
Clock contribution of a VersaTile
row
VCC
1.5 V
0.81
µW/MHz
PAC4
Clock contribution of a VersaTile
used as a sequential module
VCC
1.5 V
0.11
µW/MHz
PAC5
First contribution of a VersaTile
used as a sequential module
VCC
1.5 V
0.07
µW/MHz
PAC6
Second
contribution
of
a
VersaTile used as a sequential
module
VCC
1.5 V
0.29
µW/MHz
PAC7
Contribution of a VersaTile used
as a combinatorial module
VCC
1.5 V
0.29
µW/MHz
PAC8
Average contribution of a routing
net
VCC
1.5 V
0.70
µW/MHz
PAC9
Contribution of an I/O input pin
(standard dependent)
VCCI
See Table 3-12 on page 3-18
PAC10
Contribution of an I/O output pin
(standard dependent)
VCCI
See Table 3-13 on page 3-20
PAC11
Average contribution of a RAM
block during a read operation
VCC
1.5 V
25
µW/MHz
PAC12
Average contribution of a RAM
block during a write operation
VCC
1.5 V
30
µW/MHz
PAC13
Dynamic Contribution for PLL
VCC
1.5 V
2.6
µW/MHz
PAC15
Contribution of NVM block during
a read operation (F < 33MHz)
VCC
1.5 V
358
µW/MHz
PAC16
1st contribution of NVM block
during a read operation (F > 33
MHz)
VCC
1.5 V
12.88
mW
PAC17
2nd contribution of NVM block
during a read operation (F > 33
MHz)
VCC
1.5 V
4.8
µW/MHz
PAC18
Crystal Oscillator contribution
VCC33A 3.3 V
0.63
mW
PAC19
RC Oscillator contribution
VCC33A 3.3 V
3.3
mW
PAC20
Analog Block dynamic power
contribution of ADC
VCC
1.5 V
3
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com