Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 273 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 273 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 269Page - Microsemi Corporation AFS090 Datasheet HTML 270Page - Microsemi Corporation AFS090 Datasheet HTML 271Page - Microsemi Corporation AFS090 Datasheet HTML 272Page - Microsemi Corporation AFS090 Datasheet HTML 273Page - Microsemi Corporation AFS090 Datasheet HTML 274Page - Microsemi Corporation AFS090 Datasheet HTML 275Page - Microsemi Corporation AFS090 Datasheet HTML 276Page - Microsemi Corporation AFS090 Datasheet HTML 277Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 - 23
Static Power Consumption of Various Internal Resources
Power Calculation Methodology
This section describes a simplified method to estimate power consumption of an application. For more
accurate and detailed power estimations, use the SmartPower tool in the Libero IDE software.
The power calculation methodology described below uses the following variables:
•
The number of PLLs as well as the number and the frequency of each output clock generated
•
The number of combinatorial and sequential cells used in the design
•
The internal clock frequencies
•
The number and the standard of I/O pins used in the design
•
The number of RAM blocks used in the design
•
The number of NVM blocks used in the design
•
The number of Analog Quads used in the design
•
Toggle rates of I/O pins as well as VersaTiles—guidelines are provided in Table 3-16 on
page 3-27.
•
Enable rates of output buffers—guidelines are provided for typical applications in Table 3-17 on
page 3-27.
•
Read rate and write rate to the RAM—guidelines are provided for typical applications in
Table 3-17 on page 3-27.
•
Read rate to the NVM blocks
The calculation should be repeated for each clock domain defined in the design.
Table 3-15 • Different Components Contributing to the Static Power Consumption in Fusion Devices
Parameter
Definition
Power
Supply
Device-Specific Static Contributions
Units
AFS1500 AFS600
AFS250 AFS090
PDC1
Core static power contribution in
operating mode
VCC
1.5 V
18
7.5
4.50
3.00
mW
PDC2
Device static power contribution in
standby mode
VCC33A
3.3 V
0.66
mW
PDC3
Device static power contribution in
sleep mode
VCC33A
3.3 V
0.03
mW
PDC4
NVM static power contribution
VCC
1.5 V
1.19
mW
PDC5
Analog
Block
static
power
contribution of ADC
VCC33A
3.3 V
8.25
mW
PDC6
Analog
Block
static
power
contribution per Quad
VCC33A
3.3 V
3.3
mW
PDC7
Static contribution per input pin –
standard dependent contribution
VCCI
See Table 3-12 on page 3-18
PDC8
Static contribution per input pin –
standard dependent contribution
VCCI
See Table 3-13 on page 3-20
PDC9
Static contribution for PLL
VCC
1.5 V
2.55
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com