Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 320 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 320 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 316Page - Microsemi Corporation AFS090 Datasheet HTML 317Page - Microsemi Corporation AFS090 Datasheet HTML 318Page - Microsemi Corporation AFS090 Datasheet HTML 319Page - Microsemi Corporation AFS090 Datasheet HTML 320Page - Microsemi Corporation AFS090 Datasheet HTML 321Page - Microsemi Corporation AFS090 Datasheet HTML 322Page - Microsemi Corporation AFS090 Datasheet HTML 323Page - Microsemi Corporation AFS090 Datasheet HTML 324Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 334 page
background image
Datasheet Information
5- 4
R e v ision 2
v2.0, Revision 1
(continued)
The "Real-Time Counter (part of AB macro)" section was updated significantly.
Please review carefully.
2-35
There was a typo in Table 2-19 • Flash Memory Block Pin Names for the
ERASEPAGE description; it was the same as DISCARDPAGE. As as a result, the
ERASEPAGE description was updated.
2-42
The tFMAXCLKNVM parameter was updated in Table 2-25 • Flash Memory Block
Timing.
2-54
Table 2-31 • RAM4K9 and Table 2-32 • RAM512X18 were updated.
2-69
In Table 2-36 • Analog Block Pin Description, the Function description for PWRDWN
was changed from "Comparator power-down if 1"
to
"ADC comparator power-down if 1. When asserted, the ADC will stop functioning,
and the digital portion of the analog block will continue operating. This may result in
invalid status flags from the analog block. Therefore, Microsemi does not
recommend asserting the PWRDWN pin."
2-80
Figure 2-73 • Gate Driver Example was updated.
2-93
The "ADC Operation" section was updated. Please review carefully.
2-106
Figure 2-90 • Intra-Conversion Timing Diagram and Figure 2-91 • Injected
Conversion Timing Diagram are new.
2-115
The "Typical Performance Characteristics" section is new.
2-117
Table 2-49 • Analog Channel Specifications was significantly updated.
2-119
Table 2-50 • ADC Characteristics in Direct Input Mode was significantly updated.
2-122
In Table 2-52 • Calibrated Analog Channel Accuracy 1,2,3, note 2 was updated.
2-125
In Table 2-53 • Analog Channel Accuracy: Monitoring Standard Positive Voltages,
note 1 was updated.
2-126
In Table 2-54 • ACM Address Decode Table for Analog Quad, bit 89 was removed.
2-128
The data in the 2.5 V LCMOS and LVCMOS 2.5 V / 5.0 V rows were updated in
Table 2-75 • Fusion Standard and Advanced I/O – Hot-Swap and 5 V Input Tolerance
Capabilities.
2-145
In Table 2-78 • Fusion Standard I/O Standards—OUT_DRIVE Settings, LVCMOS
1.5 V, for OUT_DRIVE 2, was changed from a dash to a check mark.
2-154
The "VCC15A Analog Power Supply (1.5 V)" definition was changed from "A 1.5 V
analog power supply input should be used to provide this input"
to
"1.5 V clean analog power supply input for use by the 1.5 V portion of the analog
circuitry."
2-225
In the "VCC33PMP Analog Power Supply (3.3 V)" pin description, the following text
was changed from "VCC33PMP should be powered up before or simultaneously
with VCC33A"
to
"VCC33PMP should be powered up simultaneously with or after VCC33A."
2-225
The "VCCOSC Oscillator Power Supply (3.3 V)" section was updated to include
information about when to power the pin.
2-225
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com