Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 322 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 322 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 318Page - Microsemi Corporation AFS090 Datasheet HTML 319Page - Microsemi Corporation AFS090 Datasheet HTML 320Page - Microsemi Corporation AFS090 Datasheet HTML 321Page - Microsemi Corporation AFS090 Datasheet HTML 322Page - Microsemi Corporation AFS090 Datasheet HTML 323Page - Microsemi Corporation AFS090 Datasheet HTML 324Page - Microsemi Corporation AFS090 Datasheet HTML 325Page - Microsemi Corporation AFS090 Datasheet HTML 326Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 334 page
background image
Datasheet Information
5- 6
R e v ision 2
Preliminary v1.7
(October 2008)
The version number category was changed from Advance to Preliminary, which
means the datasheet contains information based on simulation and/or initial
characterization. The information is believed to be correct, but changes are possible.
For the VIL and VIH parameters, 0.30 * VCCI was changed to 0.35 * VCCI and 0.70
* VCCI was changed to 0.65 * VCCI in Table 2-126 • Minimum and Maximum DC
Input and Output Levels.
2-195
Preliminary v1.7
(continued)
The version number category was changed from Advance to Preliminary, which
means the datasheet contains information based on simulation and/or initial
characterization. The information is believed to be correct, but changes are possible.
N/A
The following updates were made to Table 2-141 • Minimum and Maximum DC Input
and Output Levels:
Temperature
Digital Output
213
00 1111 1101
283
01 0001 1011
358
01 0110 0110 – only the digital output was updated.
Temperature 358 remains in the temperature column.
2-202
In Advance v1.2, the "VAREF Analog Reference Voltage" pin description was
significantly updated but the change was not noted in the change table.
2-227
Advance v1.6
(August 2008)
The title of the datasheet changed from Actel Programmable System Chips to Actel
Fusion Mixed Signal FPGAs. In addition, all instances of programmable system chip
were changed to mixed signal FPGA.
N/A
The references to the Peripherals User’s Guide in the "No-Glitch MUX (NGMUX)"
section and "Voltage Regulator Power Supply Monitor (VRPSM)" section were
changed to Fusion Handbook.
2-32, 2-42
Advance v1.5
(July 2008)
The following bullet was updated from High-Voltage Input Tolerance: ±12 V to High-
Voltage Input Tolerance: 10.5 V to 12 V.
I
The following bullet was updated from Programmable 1, 3, 10, 30 µA and 25 mA
Drive Strengths to Programmable 1, 3, 10, 30 µA and 20 mA Drive Strengths.
I
This bullet was added to the "Integrated A/D Converter (ADC) and Analog I/O"
section:
ADC Accuracy is Better than 1%
I
In the "Integrated Analog Blocks and Analog I/Os" section, ±4 LSB was changed to
0.72. The following sentence was deleted:
The input range for voltage signals is from –12 V to +12 V with full-scale output
values from 0.125 V to 16 V.
In addition, 2°C was changed to 3°C:
"One analog input in each quad can be connected to an external temperature
monitor diode and achieves detection accuracy of ±3ºC."
The following sentence was deleted:
The input range for voltage signals is from –12 V to +12 V with full-scale output
values from 0.125 V to 16 V.
1-4
The title of the datasheet changed from Actel Programmable System Chips to Actel
Fusion Mixed Signal FPGAs. In addition, all instances of programmable system chip
were changed to mixed signal FPGA.
N/A
Advance v1.4
(July 2008)
In Table 3-8 · Quiescent Supply Current Characteristics (IDDQ)1, footnote
references were updated for IDC2 and IDC3.
Footnote 3 and 4 were updated and footnote 5 is new.
3-11
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com