Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 327 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 327 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 323Page - Microsemi Corporation AFS090 Datasheet HTML 324Page - Microsemi Corporation AFS090 Datasheet HTML 325Page - Microsemi Corporation AFS090 Datasheet HTML 326Page - Microsemi Corporation AFS090 Datasheet HTML 327Page - Microsemi Corporation AFS090 Datasheet HTML 328Page - Microsemi Corporation AFS090 Datasheet HTML 329Page - Microsemi Corporation AFS090 Datasheet HTML 330Page - Microsemi Corporation AFS090 Datasheet HTML 331Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
5 - 11
Advance v0.8
(continued)
The "ADC Description" section was updated to include information about the
SAMPLE and BUSY signals and the maximum frequencies for SYSCLK and
ADCCLK. EQ 2 was updated to add parentheses around the entire expression in the
denominator.
2-102
Table 2-46 · Analog Channel Specifications and Table 2-47 · ADC Characteristics in
Direct Input Mode were updated.
2-118,
2-121
The note was removed from Table 2-55 • Analog Multiplexer Truth Table—AV (x = 0),
AC (x = 1), and AT (x = 3).
2-131
Table 2-63 • Internal Temperature Monitor Control Truth Table is new.
2-132
The "Cold-Sparing Support" section was updated to add information about cases
where current draw can occur.
2-143
Figure 2-104 • Solution 4 was updated.
2-147
Table 2-75 • Fusion Standard I/O Standards—OUT_DRIVE Settings was updated.
2-153
The "GNDA Ground (analog)" section and "GNDAQ Ground (analog quiet)" section
were updated to add information about maximum differential voltage.
2-224
The "VAREF Analog Reference Voltage" section and "VPUMP Programming Supply
Voltage" section were updated.
2-226
The "VCCPLA/B PLL Supply Voltage" section was updated to include information
about the east and west PLLs.
2-225
The VCOMPLF pin description was deleted.
N/A
The "Axy Analog Input/Output" section was updated with information about
grounding and floating the pin.
2-226
The voltage range in the "VPUMP Programming Supply Voltage" section was
updated. The parenthetical reference to "pulled up" was removed from the
statement, "VPUMP
can be left floating or can be tied (pulled up) to any voltage
between 0 V and 3.6 V."
2-225
The "ATRTNx Temperature Monitor Return" section was updated with information
about grounding and floating the pin.
2-226
The following text was deleted from the "VREF I/O Voltage Reference" section: (all
digital I/O).
2-225
The "NCAP Negative Capacitor" section and "PCAP Positive Capacitor" section
were updated to include information about the type of capacitor that is required to
connect the two.
2-228
1 µF was changed to 100 pF in the "XTAL1 Crystal Oscillator Circuit Input".
2-228
The "Programming" section was updated to include information about VCCOSC.
2-229
The VMV pins have now been tied internally with the VCCI pins.
N/A
The AFS090"108-Pin QFN" table was updated.
3-2
The AFS090 and AFS250 devices were updated in the "108-Pin QFN" table.
3-2
The AFS250 device was updated in the "208-Pin PQFP" table.
3-8
The AFS600 device was updated in the "208-Pin PQFP" table.
3-8
The AFS090, AFS250, AFS600, and AFS1500 devices were updated in the "256-Pin
FBGA" table.
3-12
The AFS600 and AFS1500 devices were updated in the "484-Pin FBGA" table.
3-20
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com