Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 328 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 328 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 324Page - Microsemi Corporation AFS090 Datasheet HTML 325Page - Microsemi Corporation AFS090 Datasheet HTML 326Page - Microsemi Corporation AFS090 Datasheet HTML 327Page - Microsemi Corporation AFS090 Datasheet HTML 328Page - Microsemi Corporation AFS090 Datasheet HTML 329Page - Microsemi Corporation AFS090 Datasheet HTML 330Page - Microsemi Corporation AFS090 Datasheet HTML 331Page - Microsemi Corporation AFS090 Datasheet HTML 332Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 334 page
background image
Datasheet Information
5- 12
R e visio n 2
Advance v0.7
(January 2007)
The AFS600 device was updated in the "676-Pin FBGA" table.
3-28
The AFS1500 digital I/O count was updated in the "Fusion Family" table.
I
The AFS1500 digital I/O count was updated in the "Package I/Os: Single-/Double-
Ended (Analog)" table.
II
Advance v0.6
(October 2006)
The second paragraph of the "PLL Macro" section was updated to include
information about POWERDOWN.
2-30
The description for bit 0 was updated in Table 2-17 · RTC Control/Status Register.
2-38
3.9 was changed to 7.8 in the "Crystal Oscillator (Xtal Osc)" section.
2-40.
All function descriptions in Table 2-18 · Signals for VRPSM Macro.
2-42
In Table 2-19 • Flash Memory Block Pin Names, the RD[31:0] description was
updated.
2-43
The "RESET" section was updated.
2-61
The "RESET" section was updated.
2-64
Table 2-35 • FIFO was updated.
2-79
The VAREF function description was updated in Table 2-36 • Analog Block Pin
Description.
2-82
The "Voltage Monitor" section was updated to include information about low power
mode and sleep mode.
2-86
The text in the "Current Monitor" section was changed from 2 mV to 1 mV.
2-90
The "Gate Driver" section was updated to include information about forcing 1 V on
the drain.
2-94
The "Analog-to-Digital Converter Block" section was updated with the following
statement:
"All results are MSB justified in the ADC."
2-99
The information about the ADCSTART signal was updated in the "ADC Description"
section.
2-102
Table 2-46 · Analog Channel Specifications was updated.
2-118
Table 2-47 · ADC Characteristics in Direct Input Mode was updated.
2-121
Table 2-51 • ACM Address Decode Table for Analog Quad was updated.
2-127
In Table 2-53 • Analog Quad ACM Byte Assignment, the Function and Default
Setting for Bit 6 in Byte 3 was updated.
2-130
The "Introduction" section was updated to include information about digital inputs,
outputs, and bibufs.
2-133
In Table 2-69 • Fusion Pro I/O Features, the programmable delay descriptions were
updated for the following features:
Single-ended receiver
Voltage-referenced differential receiver
LVDS/LVPECL differential receiver features
2-137
The "User I/O Naming Convention" section was updated to include "V" and "z"
descriptions
2-159
The "VCC33PMP Analog Power Supply (3.3 V)" section was updated to include
information about avoiding high current draw.
2-224
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com