Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 125 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 125 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 121Page - Microsemi Corporation AFS090 Datasheet HTML 122Page - Microsemi Corporation AFS090 Datasheet HTML 123Page - Microsemi Corporation AFS090 Datasheet HTML 124Page - Microsemi Corporation AFS090 Datasheet HTML 125Page - Microsemi Corporation AFS090 Datasheet HTML 126Page - Microsemi Corporation AFS090 Datasheet HTML 127Page - Microsemi Corporation AFS090 Datasheet HTML 128Page - Microsemi Corporation AFS090 Datasheet HTML 129Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 109
connected between the VAREF and ADCGNDREF pins. The VAREFSEL control pin is used to select the
reference voltage.
ADC Clock
The speed of the ADC depends on its internal clock, ADCCLK, which is not accessible to users. The
ADCCLK is derived from SYSCLK. Input signal TVC[7:0], Time Divider Control, determines the speed of
the ADCCLK in relationship to SYSCLK, based on EQ 15.
EQ 15
TVC: Time Divider Control (0–255)
tADCCLK is the period of ADCCLK, and must be between 0.5 MHz and 10 MHz
tSYSCLK is the period of SYSCLK
The frequency of ADCCLK, fADCCLK, must be within 0.5 Hz to 10 MHz.
The inputs to the ADC are synchronized to SYSCLK. A conversion is initiated by asserting the
ADCSTART signal on a rising edge of SYSCLK. Figure 2-88 on page 2-113 and Figure 2-89 on
page 2-114 show the timing diagram for the ADC.
Acquisition Time or Sample Time Control
Acquisition time (tSAMPLE) specifies how long an analog input signal has to charge the internal capacitor
array. Figure 2-86 shows a simplified internal input sampling mechanism of a SAR ADC.
The internal impedance (ZINAD), external source resistance (RSOURCE), and sample capacitor (CINAD)
form a simple RC network. As a result, the accuracy of the ADC can be affected if the ADC is given
insufficient time to charge the capacitor. To resolve this problem, you can either reduce the source
resistance or increase the sampling time by changing the acquisition time using the STC signal.
EQ 16 through EQ 18 can be used to calculate the acquisition time required for a given input. The STC
signal gives the number of sample periods in ADCCLK for the acquisition time of the desired signal. If the
actual acquisition time is higher than the STC value, the settling time error can affect the accuracy of the
ADC, because the sampling capacitor is only partially charged within the given sampling cycle. Example
acquisition times are given in Table 2-44 and Table 2-45. When controlling the sample time for the ADC
Table 2-42 • VAREF Bit Function
Name
Bit
Function
VAREF
0
Reference voltage selection
0 – Internal voltage reference selected. VAREF pin outputs 2.56 V.
1 – Input external voltage reference from VAREF and ADCGNDREF
Table 2-43 • TVC Bits Function
Name
Bits
Function
TVC
[7:0]
SYSCLK divider control
Figure 2-86 • Simplified Sample and Hold Circuitry
tADCCLK
41 TVC
+
()
×
tSYSCLK
×
=
Sample and Hold
ZINAD
CINAD
Rsource



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com