Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 127 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 127 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 123Page - Microsemi Corporation AFS090 Datasheet HTML 124Page - Microsemi Corporation AFS090 Datasheet HTML 125Page - Microsemi Corporation AFS090 Datasheet HTML 126Page - Microsemi Corporation AFS090 Datasheet HTML 127Page - Microsemi Corporation AFS090 Datasheet HTML 128Page - Microsemi Corporation AFS090 Datasheet HTML 129Page - Microsemi Corporation AFS090 Datasheet HTML 130Page - Microsemi Corporation AFS090 Datasheet HTML 131Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 111
Sample time is computed based on the period of ADCCLK.
Distribution Phase
The second phase is called the distribution phase. During distribution phase, the ADC computes the
equivalent digital value from the value stored in the input capacitor. In this phase, the output signal
SAMPLE goes back to '0', indicating the sample is completed; but the BUSY signal remains '1', indicating
the ADC is still busy for distribution. The distribution time depends strictly on the number of bits. If the
ADC is configured as a 10-bit ADC, then 10 ADCCLK cycles are needed. EQ 8 describes the distribution
time.
EQ 21
N: Number of bits
Post-Calibration Phase
The last phase is the post-calibration phase. This is an optional phase. The post-calibration phase takes
two ADCCLK cycles. The output BUSY signal will remain '1' until the post-calibration phase is completed.
If the post-calibration phase is skipped, then the BUSY signal goes to '0' after distribution phase. As soon
as BUSY signal goes to '0', the DATAVALID signal goes to '1', indicating the digital result is available on
the RESULT output signals. DATAVAILD will remain '1' until the next ADCSTART is asserted. Microsemi
recommends enabling post-calibration to compensate for drift and temperature-dependent effects. This
ensures that the ADC remains consistent over time and with temperature. The post-calibration phase is
enabled by bit 3 of the Mode register. EQ 9 describes the post-calibration time.
EQ 22
MODE[3]: Bit 3 of the Mode register, described in Table 2-41 on page 2-108.
The calculation for the conversion time for the ADC is summarized in EQ 10.
tconv = tsync_read + tsample + tdistrib + tpost-cal + tsync_write
EQ 23
tconv: conversion time
tsync_read: maximum time for a signal to synchronize with SYSCLK. For calculation purposes, the
worst case is a period of SYSCLK, tSYSCLK.
tsample: Sample time
tdistrib: Distribution time
tpost-cal: Post-calibration time
tsync_write: Maximum time for a signal to synchronize with SYSCLK. For calculation purposes, the
worst case is a period of SYSCLK, tSYSCLK.
Intra-Conversion
Performing a conversion during power-up calibration is possible but should be avoided, since the
performance is not guaranteed, as shown in Table 2-49 on page 2-119. This is described as intra-
conversion. Figure 2-90 on page 2-114 shows intra-conversion (conversion that starts during power-up
calibration).
Injected Conversion
A conversion can be interrupted by another conversion. Before the current conversion is finished, a
second conversion can be started by issuing a pulse on signal ADCSTART. When a second conversion
is issued before the current conversion is completed, the current conversion would be dropped and the
ADC would start the second conversion on the rising edge of the SYSCLK. This is known as injected
conversion. Since the ADC is synchronous, the minimum time to issue a second conversion is two clock
cycles of SYSCLK after the previous one. Figure 2-91 on page 2-115 shows injected conversion
Table 2-46 • STC Bits Function
Name
Bits
Function
STC
[7:0]
Sample time control
tdistrib
NtADCCLK
×
=
tpost-cal
MODE 3
[]
2tADCCLK
×
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com